Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71247 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS71247
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71247 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS71247 Datasheet HTML 1Page - Texas Instruments TPS71247 Datasheet HTML 2Page - Texas Instruments TPS71247 Datasheet HTML 3Page - Texas Instruments TPS71247 Datasheet HTML 4Page - Texas Instruments TPS71247 Datasheet HTML 5Page - Texas Instruments TPS71247 Datasheet HTML 6Page - Texas Instruments TPS71247 Datasheet HTML 7Page - Texas Instruments TPS71247 Datasheet HTML 8Page - Texas Instruments TPS71247 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
SBVS049D – MAY 2004 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
VOLTAGE (V)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VOUT1
VOUT2
(DESIGNATOR)
RANGE (TJ)
MARKING
NUMBER
MEDIA, QUANTITY
TPS71202DRCT
Tape and Reel, 250
TPS71202
Adjustable
Adjustable
SON-10 (DRC)
-40°C to +125°C
ARQ
TPS71202DRCR
Tape and Reel, 3000
TPS71219DRCT
Tape and Reel, 250
TPS71219
1.8 V
Adjustable
SON-10 (DRC)
-40°C to +125°C
ARW
TPS71219DRCR
Tape and Reel, 3000
TPS71229DRCT
Tape and Reel, 250
TPS71229
2.8 V
Adjustable
SON-10 (DRC)
-40°C to +125°C
ARU
TPS71229DRCR
Tape and Reel, 3000
TPS71247DRCT
Tape and Reel, 250
TPS71247
1.8 V
2.85 V
SON-10 (DRC)
-40°C to +125°C
ARS
TPS71247DRCR
Tape and Reel, 3000
TPS71256DRCT
Tape and Reel, 250
TPS71256
2.8 V
2.8 V
SON-10 (DRC)
-40°C to +125°C
ARV
TPS71256DRCR
Tape and Reel, 3000
TPS71257DRCT
Tape and Reel, 250
TPS71257
2.85 V
2.85 V
SON-10 (DRC)
-40°C to +125°C
ART
TPS71257DRCR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Ordering Addendum located at the end of this data sheet.
ABSOLUTE MAXIMUM RATINGS
over operating junction temperature range unless otherwise noted
(1)
TPS712xx
UNIT
VIN range
-0.3 to 6.0
V
VEN1, VEN2 range
-0.3 to VIN + 0.3
V
VOUT range
-0.3 to 6.0
V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
See Dissipation Ratings Table
Junction temperature range, TJ
-40 to +150
°C
Storage temperature range
-65 to +150
°C
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS712xx
THERMAL METRIC(1)(2)
UNITS
DRC (10 PINS)
qJA
Junction-to-ambient thermal resistance
49.6
qJCtop
Junction-to-case (top) thermal resistance
70.0
qJB
Junction-to-board thermal resistance
17.8
°C/W
yJT
Junction-to-top characterization parameter
0.6
yJB
Junction-to-board characterization parameter
15.2
qJCbot
Junction-to-case (bottom) thermal resistance
5.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Numéro de pièce similaire - TPS71247

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71247 TI-TPS71247 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71247 TI-TPS71247 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71247 TI-TPS71247 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71247DRCR TI-TPS71247DRCR Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71247DRCRG4 TI-TPS71247DRCRG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Description similaire - TPS71247

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com