Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60213DGSG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS60213DGSG4
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60213DGSG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS60213DGSG4 Datasheet HTML 2Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 3Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 4Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 5Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 6Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 7Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 8Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 9Page - Texas Instruments TPS60213DGSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
low-battery detector (TPS60210 and TPS60212)
The low-battery comparator trips at 1.18 V
±5% when the voltage on pin LBI ramps down. The voltage V(TRIP)
at which the low-battery warning is issued can be adjusted with a resistive divider as shown in Figure 2. The
sum of resistors R1 and R2 is recommended to be in the 100-k
Ω to 1-MΩ range.
LBO is an open drain output. An external pullup resistor to OUT, or any other voltage rail in the appropriate range,
in the 100-k
Ω to 1-MΩ range is recommended. During start-up, the LBO output signal is invalid for the first
500
µs. LBO is high impedance when the device is programmed into snooze mode.
If the low battery function is not used, connect LBI to ground and leave LBO unconnected. When the device is
programmed into snooze mode (SNOOZE = LOW), the low-battery detector is disabled.
V
(
TRIP) + 1.18 V
1
) R1
R2
_
+
+
VREF
VBAT
IN
R1
LBI
R2
LBO
R3
VO
Figure 2. Programming of the Low-Battery Comparator Trip Voltage
A 100-nF ceramic capacitor should be connected in parallel to R2 if large line transients are expected. These
voltage drops may inadvertently trigger the low-battery comparator and produce a wrong low-battery warning
signal at the LBO pin.
Formulas to calculate the resistive divider for low-battery detection, with VLBI = 1.13 V to 1.23 V and the sum
of resistors R1 and R2 equal 1 M
Ω:
R2
+ 1MW
V
LBI
V
Bat
R1
+ 1MW * R2
(1)
(2)
Formulas to calculate the minimum and maximum battery voltage:
V
Bat(min) +
V
LBI(min)
R1
(min) )
R2
(max)
R2
(max)
V
Bat(max) +
V
LBI(max)
R1
(max) )
R2
(min)
R2
(min)
(3)
(4)


Numéro de pièce similaire - TPS60213DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60213DGSG4 TI1-TPS60213DGSG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

Description similaire - TPS60213DGSG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com