Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62051DGSRG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62051DGSRG4
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62051DGSRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62051DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
9.3.5 Power Good Comparator
The power good (PG) comparator has an open-drain output capable of sinking typically 1 mA. The PG function is
only active when the device is enabled (EN = high). When the device is disabled (EN = low), the PG pin is pulled
to GND.
The PG output is only valid after a 250-µs delay after the device is enabled and the supply voltage is greater
than 2.7 V. Power good is low during the first 250 µs after shutdown and in shutdown.
The PG pin floats high when the output voltage exceeds typically 98.5% of its nominal value. Leave the PG pin
unconnected, or connect it to GND when not used.
9.3.6 Synchronization
If no clock signal is applied, the converter operates with a typical switching frequency of 850 kHz. It is possible to
synchronize the converter to an external clock within a frequency range from 600 kHz to 1200 kHz. The device
automatically detects the rising edge of the first clock and synchronizes to the external clock. If the clock signal is
stopped, the converter automatically switches back to the internal clock and continues operation. The switchover
is initiated if no rising edge on the SYNC pin is detected for a duration of four clock cycles. Therefore, the
maximum delay time can be 8.3 µs if the internal clock has its minimum frequency of 600 kHz. During this time,
there is no clock signal available. The device stops switching until the internal circuitry is switched to the internal
clock source.
When the device is switched between internal synchronization and external synchronization during operation, the
output voltage may show transient overshoot or undershoot during switchover. The voltage transients are
minimized by using 850 kHz as an initial external frequency, and changing the frequency slowly (>1 ms) to the
value desired. The voltage drop at the output when the device is switched from external synchronization to
internal synchronization can be reduced by increasing the output capacitor value.
If the device is synchronized to an external clock, the power-save mode is disabled and the device stays in
forced PWM mode.
Connecting the SYNC pin to the GND pin enables the power-save mode. The converter operates in the PWM
mode at moderate to heavy loads and in the PFM mode during light loads maintaining high-efficiency over a wide
load current range.
9.4 Device Functional Modes
9.4.1 Soft-Start
The TPS6205x device have an internal soft-start circuit that limits the inrush current during start-up. This
prevents possible voltage drops of the input voltage if a battery or a high impedance power source is connected
to the input of the TPS6205x devices.
The soft-start is implemented as a digital circuit increasing the switch current in steps of 200 mA, 400 mA, 800
mA and then the typical switch current limit of 1.2 A. Therefore the start-up time mainly depends on the output
capacitor and load current. Typical start-up time with a 22-µF output capacitor and a 200-mA load current is 1
ms.
9.4.2 Constant Frequency Mode Operation (SYNC = HIGH)
In the constant frequency mode, the output voltage is regulated by varying the duty cycle of the PWM signal in
the range of 100% to 10%. Connecting the SYNC pin to a voltage greater than 1.5 V forces the converter to
operate permanently in the PWM mode even at light or no load currents. The advantage is the converter
operates with a fixed switching frequency that allows simple filtering of the switching frequency for noise sensitive
applications. In this mode, the efficiency is lower compared to the power-save mode during light loads (see
Figure 7). The N-MOSFET of the devices stays on even when the current into the output drops to zero. This
prevents the device from going into discontinuous mode. The device transfers unused energy back to the input.
Therefore, there is no ringing at the output that usually occurs in the discontinuous mode. The duty cycle range
in constant frequency mode is 100% to 10%.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Numéro de pièce similaire - TPS62051DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62051DGSRG4 TI1-TPS62051DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62051DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com