Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60212DGSRG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60212DGSRG4
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60212DGSRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS60212DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
Table 1. Recommended Values for the Resistive Divider From the E96 Series (
±1%)
VIN/V
R1/k
R2/k
VTRIP(MIN)/V
VTRIP(MAX)/V
1.6
267
750
1.524
1.677
1.7
301
681
1.620
1.785
1.8
340
649
1.710
1.887
1.9
374
619
1.799
1.988
2.0
402
576
1.903
2.106
power-good detector (TPS60211 and TPS60213)
The power-good output is an open-drain output that pulls low when the output is out of regulation. When the
output rises above 91% of its nominal voltage, the power-good output is released. When the device is
programmed into snooze mode (SNOOZE = LOW), the power-good detector is disabled and PG is high
impedance. In normal operation, an external pullup resistor must be connected between PG and OUT, or any
other voltage rail in the appropriate range. The pullup resistor should be in the 100-k
Ω to 1-MΩ range. If the PG
output is not used, it should remain unconnected.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Voltage range:
IN, OUT, SNOOZE, LBI, LBO, PG to GND
−0.3 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1+, C2+ to GND
−0.3 V to (VO + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1−, C2− to GND
−0.3 V to (VI + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current: TPS60210, TPS60211
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TPS60212, TPS60213
75 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE 1 FREE-AIR TEMPERATURE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGS
424 mW
3.4 mW/
_C
178 mW
136 mW
The thermal resistance junction to ambient of the DGS package is RTH−JA = 294°C/W.
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.6
3.6
V
Input capacitor, Ci
2.2
µF
Flying capacitors, C1, C2
1
µF
Output capacitor, Co
2.2
µF
Operating junction temperature, TJ
−40
125
°C


Numéro de pièce similaire - TPS60212DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60212DGSRG4 TI1-TPS60212DGSRG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

Description similaire - TPS60212DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com