Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61182RTER Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61182RTER
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61182RTER Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS61182RTER Datasheet HTML 4Page - Texas Instruments TPS61182RTER Datasheet HTML 5Page - Texas Instruments TPS61182RTER Datasheet HTML 6Page - Texas Instruments TPS61182RTER Datasheet HTML 7Page - Texas Instruments TPS61182RTER Datasheet HTML 8Page - Texas Instruments TPS61182RTER Datasheet HTML 9Page - Texas Instruments TPS61182RTER Datasheet HTML 10Page - Texas Instruments TPS61182RTER Datasheet HTML 11Page - Texas Instruments TPS61182RTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90 100
PWMDimmingDutyCycle-%
V
=11V
bat
V
=19V
bat
V
=7V
bat
V
=28.8V,TPS61181
ISET=20 A,
DimmingFrequency=200Hz
O
m
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
PWMDimmingDutyCycle-%
V
=36.2V-TPS61181
ISET=20 A
DimmingFrequency=200Hz
O
m
V
=19V
bat
V
=11V
bat
V
=7V
bat
80
82
84
86
88
90
92
94
96
98
100
0
25
50
75
100
125
150
I
-OutputCurrent-mA
O
V
=11V
bat
10 H
m
4.7 H
m
V
=28.8V,
TPS61181
O
80
82
84
86
88
90
92
94
96
98
100
0
25
50
75
100
125
150
I
-OutputCurrent-mA
O
V
=7V
bat
V
=19V
bat
V
=11V
bat
V
=28.8V,
TPS61181
O
TPS61180/1/2
SLVS801E – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
EFFICIENCY
EFFICIENCY
vs
vs
DIMMING DUTY CYCLE
DIMMING DUTY CYCLE
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TPS61180/1/2


Numéro de pièce similaire - TPS61182RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61182RTER TI-TPS61182RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTERG4 TI-TPS61182RTERG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Description similaire - TPS61182RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com