Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62050 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS62050
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS62050_17 Datasheet HTML 1Page - Texas Instruments TPS62050_17 Datasheet HTML 2Page - Texas Instruments TPS62050_17 Datasheet HTML 3Page - Texas Instruments TPS62050_17 Datasheet HTML 4Page - Texas Instruments TPS62050_17 Datasheet HTML 5Page - Texas Instruments TPS62050_17 Datasheet HTML 6Page - Texas Instruments TPS62050_17 Datasheet HTML 7Page - Texas Instruments TPS62050_17 Datasheet HTML 8Page - Texas Instruments TPS62050_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
10
Application and Implementation........................ 12
2
Applications ........................................................... 1
10.1
Application Information.......................................... 12
3
Description ............................................................. 1
10.2
Typical Applications .............................................. 12
4
Typical Application Schematic ............................. 1
10.3
System Examples ................................................. 19
5
Revision History..................................................... 2
11
Power Supply Recommendations ..................... 20
6
Device Comparison Table..................................... 3
12
Layout................................................................... 20
7
Pin Configuration and Functions ......................... 3
12.1
Layout Guidelines ................................................. 20
8
Specifications......................................................... 4
12.2
Layout Example .................................................... 20
8.1
Absolute Maximum Ratings ...................................... 4
13
Device and Documentation Support ................. 22
8.2
ESD Ratings.............................................................. 4
13.1
Device Support...................................................... 22
8.3
Recommended Operating Conditions ....................... 4
13.2
Related Links ........................................................ 22
8.4
Thermal Information .................................................. 4
13.3
Community Resource............................................ 22
8.5
Electrical Characteristics........................................... 5
13.4
Trademarks ........................................................... 22
8.6
Typical Characteristics .............................................. 6
13.5
Electrostatic Discharge Caution ............................ 22
9
Detailed Description .............................................. 7
13.6
Glossary ................................................................ 22
9.1
Overview ................................................................... 7
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ......................................... 7
Information ........................................................... 22
9.3
Feature Description................................................... 8
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (June 2011) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision D (October 2003) to Revision E
Page
Changed to Revision E, June 2011........................................................................................................................................ 1
Changed formatting. ............................................................................................................................................................... 1
Changed "goes active high" to "floats" in Terminal Functions table, row PG, description. .................................................... 3
Changed "becomes active" to "floats" in last paragraph of Power Good Comparator section. ........................................... 10
2
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Numéro de pièce similaire - TPS62050_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
More results

Description similaire - TPS62050_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com