Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61165-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61165-Q1
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS61165-Q1 Datasheet HTML 1Page - Texas Instruments TPS61165-Q1 Datasheet HTML 2Page - Texas Instruments TPS61165-Q1 Datasheet HTML 3Page - Texas Instruments TPS61165-Q1 Datasheet HTML 4Page - Texas Instruments TPS61165-Q1 Datasheet HTML 5Page - Texas Instruments TPS61165-Q1 Datasheet HTML 6Page - Texas Instruments TPS61165-Q1 Datasheet HTML 7Page - Texas Instruments TPS61165-Q1 Datasheet HTML 8Page - Texas Instruments TPS61165-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TPS61165
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Supply voltages on VIN(2)
–0.3
20
V
Voltages on CTRL(2)
–0.3
20
V
Voltage on FB and COMP(2)
–0.3
3
V
Voltage on SW(2)
–0.3
40
V
PD
Continuous power dissipation
See Thermal Information
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
These values are recommended values that have been successfully tested in several applications. Other values may be acceptable in
other applications but should be fully tested by the user.
7.2 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VI
Input voltage range, VIN
3
18
V
VO
Output voltage range
VIN
38
V
L
Inductor(1)
10
22
μH
fdim
PWM dimming frequency
5
100
kHz
CIN
Input capacitor
1
μF
CO
Output capacitor
1
10
μF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
7.3 Thermal Information
THERMAL METRIC(1)(2)
TPS61165
UNIT
DRV (WSON)
DBV (SOT-23)
6 PINS
6 PINS
R
θJA
Junction-to-ambient thermal resistance
80.7
210.1
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
55.4
46.8
°C/W
RθJB
Junction-to-board thermal resistance
140.2
56.7
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.5
°C/W
ψJB
Junction-to-board characterization parameter
36.5
50.2
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
0.9
°C/W


Numéro de pièce similaire - TPS61165-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
More results

Description similaire - TPS61165-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com