Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61141DRCRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61141DRCRG4
Description  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61141DRCRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS61141DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS61141DRCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
14.90
14.91
14.92
14.93
14.94
2
4
6
8
10
12
14
16
18
20
I -LoadCurrent-mA
L
V =3.6V
I
14.90
14.91
14.92
14.93
14.94
14.95
3
3.2
3.4
3.6
3.8
4
4.2 4.4
4.6 4.8
5
OLEDCurrent=10mA
V -InputVoltage-V
I
V
10mV/div, AC
O
I
50mV/div, AC
O
InductorCurrent
200mA/div, AC
t-Time-2 s/div
m
V
10mV/div, AC
O
I
50mV/div, AC
O
InductorCurrent
200mA/div,DC
t-Time-20 s/div
m
TPS61140
TPS61141
SLVS624B – JANUARY 2006 – REVISED MARCH 2007
OLED LOAD REGULATION
OLED LINE REGULATION
Figure 7.
Figure 8.
OLED RIPPLE UNDER 20 mA LOAD
OLED RIPPLE UNDER 2 mA LOAD
(PFM MODE)
(PFM MODE)
Figure 9.
Figure 10.
8
Submit Documentation Feedback


Numéro de pièce similaire - TPS61141DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61141DRCRG4 TI-TPS61141DRCRG4 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Description similaire - TPS61141DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com