Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61141DRCT Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS61141DRCT
Description  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61141DRCT Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61141DRCT Datasheet HTML 1Page - Texas Instruments TPS61141DRCT Datasheet HTML 2Page - Texas Instruments TPS61141DRCT Datasheet HTML 3Page - Texas Instruments TPS61141DRCT Datasheet HTML 4Page - Texas Instruments TPS61141DRCT Datasheet HTML 5Page - Texas Instruments TPS61141DRCT Datasheet HTML 6Page - Texas Instruments TPS61141DRCT Datasheet HTML 7Page - Texas Instruments TPS61141DRCT Datasheet HTML 8Page - Texas Instruments TPS61141DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
TPS61140
TPS61141
SLVS624B – JANUARY 2006 – REVISED MARCH 2007
V
I = 3.6 V, SELx = Vin, Rset = 80 kΩ, VO = 15 V, VIO = 15 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE AND CURRENT CONTROL
IFB
Voltage feedback input bias current
VFB = 1.229 V
100
nA
VFB
Voltage feedback regulation voltage
1.204
1.229
1.254
V
V(ISET)
ISET pin voltage
1.204
1.229
1.254
V
K(ISET)
Current multipiler
Iout/Iset
820
900
990
V(IFB)
IFB Regulation voltage
300
330
360
mV
V(IFB_L)
IFB low threshold (1)
60
mV
tsink
Current sink settle time
Measured from SELx rising edge(2)
6
µs
Ilkg
IFB pin leakage current
IFB voltage = 25 V
1
µA
V(delta)
Iout-Vout regulation threshold
Iout-Vout
270
330
380
mV
V(delta_l)
Iout-Vout low threshold(3)
45
mV
I(LDO_leak) LDO leakage current
Iout = 25 V, Vout = 0 V
1
µA
PSRR
LDO PSRR
Iout–Vout = 330 mV, 2 mA, 20 kHz
20
dB
POWER SWITCH AND DIODE
rDS(on)
N-channel MOSFET on-resistance
VI = VGS = 3.6 V
0.6
0.9
I(LN_NFET) N-channel leakage current
VDS = 25 V
1
µA
VF
Power diode forward voltage
Id = 0.7 A
0.83
1.0
V
OC AND OVP
Dual output, V(Iout) = 15 V, D = 76%
0.75
1.0
1.26
Single output (PFM)
0.30
0.35
0.40
ILIM
N-Channel MOSFET current limit(4)
A
Single output (PWM), V(Iout) = 15 V,
0.40
0.55
0.70
D = 76%
I(LDO_MAX) LDO max output current
Iout–Vout = 330 mV
35
mA
I(IFB_MAX)
Current sink max output current
IFB = 330 mV
35
mA
TPS61140
27
28
29
VOVP
Overvoltage threshold
V
TPS61141
21
22
23
TPS61140
550
VOVP(hys)
Overvoltage hysteresis
mV
TPS61141
440
PWM AND PFM CONTROL
fS
Oscillator frequency
1
1.2
1.5
MHz
Dmax
Maximum duty cycle
PWM, VFB = 1 V
90
93
%
ton_max
Maximum on time
PFM only
5.7
µs
toff_min
Minimum off time
PFM only
413
ns
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thys
Thermal shutdown threshold hysteresis
15
°C
(1)
When the IFB pin voltage drops this amount below V(IFB), the IFB pin is used as the boost converter feedback if the Iout-Vout voltage is
in regulation. This only occurs in BOTH-ON mode.
(2)
This specification determines the minimum on time required for PWM dimming. Using this specification, the maximum PWM dimming
frequency can be calculated from the minimum duty cycle required in the application.
(3)
When Iout-Vout voltage drops this amount below V(delta), Iout-Vout is used as the boost converter feedback input regardless of the IFB
voltage. This only occurs in BOTH-ON mode.
(4)
Measured with DC current. See APPLICATION INFORMATION for details.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS61141DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61141DRCT TI-TPS61141DRCT Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61141DRCTG4 TI-TPS61141DRCTG4 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Description similaire - TPS61141DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com