Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61141DRCR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61141DRCR
Description  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61141DRCR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS61141DRCR Datasheet HTML 2Page - Texas Instruments TPS61141DRCR Datasheet HTML 3Page - Texas Instruments TPS61141DRCR Datasheet HTML 4Page - Texas Instruments TPS61141DRCR Datasheet HTML 5Page - Texas Instruments TPS61141DRCR Datasheet HTML 6Page - Texas Instruments TPS61141DRCR Datasheet HTML 7Page - Texas Instruments TPS61141DRCR Datasheet HTML 8Page - Texas Instruments TPS61141DRCR Datasheet HTML 9Page - Texas Instruments TPS61141DRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
65
67
69
71
73
75
77
79
81
83
85
1 2 3 4 5 6 7 8 9 10 1112 13 14 15 16 1718 19 20
OLEDCurrent-mA
Vin=3.3V
Vin=3.6V
Vin=4V
Vout=15V,
SELV=High
SELI=Low
750
770
790
810
830
850
870
890
910
930
950
0
2
4
6
8
10 12 14 16 18 20 22 24
WLED-Current-mA
V =3.6V,
WLEDVoltage=15V
I
TPS61140
TPS61141
SLVS624B – JANUARY 2006 – REVISED MARCH 2007
TITLE
CONDITIONS
FIGURES
K value over current
Vin = 3.6 V, Iload = 2 mA to 25 mA
Figure 1
OLED efficiency vs load current
Vin = 3.3 V, 3.6 V and 4 V, Vout = 15 V
Figure 2
WLED efficiency vs load current
Vin = 3.3 V, 3.6 and 4 V, 3 WLED, WLED voltage = 11 V
Figure 3
WLED efficiency vs load current
Vin = 3.3 V, 3.6 V and 4 V, 4 WLED, WLED voltage = 15 V
Figure 4
WLED efficiency vs load current
Vin = 3.3 V, 3.6 V and 4 V, 5 WLED, WLED voltage = 19 V
Figure 5
WLED efficiency vs load current
Vin = 3.3 V, 3.6 V and 4 V, 6 WLED, WLED voltage = 23 V
Figure 6
OLED load regulation
Vin = 3.6 V, Iout = 15 V, Iload = 2 mA to 20 mA
Figure 7
OLED line regulation
Vin = 3 V to 5 V, Iout = 15 V, Iload = 10 mA
Figure 8
OLED ripple voltage waveform
Vin = 3.6 V, Vout = 15 V, Iload = 20, 2mA
Figure 9, 10
WLED PWM dimming waveform
Figure 11
WLED PWM dimming linearity
Frequency = 20 kHz and 30 KHz
Figure 12
Transition between OLED+WLED and OLED only
4 WLED and Vout=15V
Figure 13
WLED start up waveform
Figure 14
OLED start up waveform
Figure 15
PWM Mode Overcurrent Limit
WLED Only
Figure 16
PWM Mode Overcurrent Limit
WLED + OLED
Figure 17
K VALUE
EFFICIENCY
vs
vs
WLED CURRENT
OLED CURRENT
Figure 1.
Figure 2.
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS61141DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61141DRCR TI-TPS61141DRCR Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61141DRCRG4 TI-TPS61141DRCRG4 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Description similaire - TPS61141DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com