Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61165 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS61165
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS61165_17 Datasheet HTML 6Page - Texas Instruments TPS61165_17 Datasheet HTML 7Page - Texas Instruments TPS61165_17 Datasheet HTML 8Page - Texas Instruments TPS61165_17 Datasheet HTML 9Page - Texas Instruments TPS61165_17 Datasheet HTML 10Page - Texas Instruments TPS61165_17 Datasheet HTML 11Page - Texas Instruments TPS61165_17 Datasheet HTML 12Page - Texas Instruments TPS61165_17 Datasheet HTML 13Page - Texas Instruments TPS61165_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
out
out
in _ DC
in
V
I
I
V
´
=
´ h
in
lim
p
out _ max
out
V
(I
I / 2)
I
V
´
-
´ h
=
ú
û
ù
ê
ë
é
+
-
+
´
´
=
)
V
1
V
V
V
1
(
F
L
1
I
in
in
f
out
s
P
10
TPS61165
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Maximum Output Current
The overcurrent limit in a boost converter limits the maximum input current and thus maximum input power for a
given input voltage. Maximum output power is less than maximum input power due to power conversion losses.
Therefore, the current limit setting, input voltage, output voltage and efficiency can all change maximum current
output. The current limit clamps the peak inductor current; therefore, the ripple has to be subtracted to derive
maximum dc current. The ripple current is a function of switching frequency, inductor value and duty cycle. The
following equations take into account of all the above factors for maximum output current calculation.
where
Ip = inductor peak to peak ripple
L = inductor value
Vf = Schottky diode forward voltage
Fs = switching frequency
Vout = output voltage of the boost converter. It is equal to the sum of VFB and the voltage drop across LEDs.
(1)
where
Iout_max = Maximum output current of the boost converter
Ilim = overcurrent limit
η = efficiency
(2)
For instance, when VIN is 3 V, 8 LEDs output equivalent to VOUT of 26 V, the inductor is 22 μH, the Schottky
forward voltage is 0.2 V, the maximum output current is then 110 mA in typical condition. When VIN is 5 V, 10
LEDs output equivalent to VOUT of 32 V, the inductor is 22 μH, the Schottky forward voltage is 0.2 V, the
maximum output current is 150 mA in typical condition.
9.1.2 Inductor Selection
Selection of the inductor affects steady state operation as well as transient behavior and loop stability. These
factors make it the most important component in power regulator design. There are three important inductor
specifications, inductor value, DC resistance and saturation current. Considering inductor value alone is not
enough.
The inductor value determines the inductor ripple current. Choose an inductor that can handle the necessary
peak current without saturating, according to half of the peak-to-peak ripple current given by Equation 1, pause
the inductor DC current given by:
(3)


Numéro de pièce similaire - TPS61165_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Description similaire - TPS61165_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com