Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61140DRCR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61140DRCR
Description  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61140DRCR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61140DRCR Datasheet HTML 3Page - Texas Instruments TPS61140DRCR Datasheet HTML 4Page - Texas Instruments TPS61140DRCR Datasheet HTML 5Page - Texas Instruments TPS61140DRCR Datasheet HTML 6Page - Texas Instruments TPS61140DRCR Datasheet HTML 7Page - Texas Instruments TPS61140DRCR Datasheet HTML 8Page - Texas Instruments TPS61140DRCR Datasheet HTML 9Page - Texas Instruments TPS61140DRCR Datasheet HTML 10Page - Texas Instruments TPS61140DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
50
60
70
80
90
0
5
10
15
20
25
I -LoadCurrent-mA
L
WLEDVoltage=15V,4WLED
VSEL =low
ISEL =high
V =3.3V
I
V =4V
I
V =3.6V
I
50
60
70
80
90
0
5
10
15
20
25
I -LoadCurrent-mA
L
V =4V
I
WLEDVoltage=11V,3WLED,
VSEL =Low,
ISEL =high
V =3.3V
I
V =3.6V
I
50
60
70
80
90
0
5
10
15
20
25
V =3.3V
I
WLEDVoltage=19V,5WLED
VSEL =low
ISEL =high
I -LoadCurrent-mA
L
V =4V
I
V =3.6V
I
50
60
70
80
90
0
5
10
15
20
25
WLEDVoltage=23V,6WLED
VSEL =low
ISEL =high
I -LoadCurrent-mA
L
V =4V
I
V =3.6V
I
V =3.3V
I
TPS61140
TPS61141
SLVS624B – JANUARY 2006 – REVISED MARCH 2007
EFFICIENCY
EFFICIENCY
vs
vs
WLED CURRENT
WLED CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
WLED CURRENT
WLED CURRENT
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS61140DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61140DRCR TI-TPS61140DRCR Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61140DRCRG4 TI-TPS61140DRCRG4 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Description similaire - TPS61140DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com