Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51200 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51200
Description  Sink and Source DDR Termination Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51200 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS51200 Datasheet HTML 3Page - Texas Instruments TPS51200 Datasheet HTML 4Page - Texas Instruments TPS51200 Datasheet HTML 5Page - Texas Instruments TPS51200 Datasheet HTML 6Page - Texas Instruments TPS51200 Datasheet HTML 7Page - Texas Instruments TPS51200 Datasheet HTML 8Page - Texas Instruments TPS51200 Datasheet HTML 9Page - Texas Instruments TPS51200 Datasheet HTML 10Page - Texas Instruments TPS51200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Output Current (A)
-3
-2
-1
0
1
2
3
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
D005
-55°C
-40°C
0°C
25°C
85°C
Output Current (A)
-3
-2
-1
0
1
2
3
0.7
0.75
0.8
0.85
0.9
0.95
1
D006
-55°C
-40°C
0°C
25°C
85°C
Output Current (A)
-3
-2
-1
0
1
2
3
0.7
0.71
0.72
0.73
0.74
0.75
0.76
0.77
0.78
0.79
0.8
D003
-55°C
-40°C
0°C
25°C
85°C
Output Current (A)
-3
-2
-1
0
1
2
3
0.55
0.57
0.59
0.61
0.63
0.65
0.67
D004
-55°C
-40°C
0°C
25°C
85°C
Output Current (A)
-3
-2
-1
0
1
2
3
1.18
1.2
1.22
1.24
1.26
1.28
1.3
D001
-55°C
-40°C
0°C
25°C
85°C
Output Current (A)
-3
-2
-1
0
1
2
3
0.87
0.88
0.89
0.9
0.91
0.92
0.93
0.94
D002
-55°C
-40°C
0°C
25°C
85°C
7
TPS51200-EP
www.ti.com
SLUSA48 – JUNE 2016
Product Folder Links: TPS51200-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
3 × 10-µF MLCCs (0805) are used on the output.
VVIN = 3.3 V
DDR
Figure 2. Load Regulation
VVIN = 3.3 V
DDR2
Figure 3. Load Regulation
VVIN = 3.3 V
DDR3
Figure 4. Load Regulation
VVIN = 3.3 V
LP DDR3 or DDR4
Figure 5. Load Regulation
VVIN = 2.5 V
DDR
Figure 6. Load Regulation
VVIN = 2.5 V
DDR2
Figure 7. Load Regulation


Numéro de pièce similaire - TPS51200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Description similaire - TPS51200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com