Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS715 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS715
Description  50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS715_17 Datasheet HTML 2Page - Texas Instruments TPS715_17 Datasheet HTML 3Page - Texas Instruments TPS715_17 Datasheet HTML 4Page - Texas Instruments TPS715_17 Datasheet HTML 5Page - Texas Instruments TPS715_17 Datasheet HTML 6Page - Texas Instruments TPS715_17 Datasheet HTML 7Page - Texas Instruments TPS715_17 Datasheet HTML 8Page - Texas Instruments TPS715_17 Datasheet HTML 9Page - Texas Instruments TPS715_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125 C
°
TJ = 25 C
°
TJ = −40 C
°
VIN = 3.2 V
COUT = 1 F
m
IOUT − Output Current − mA
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 F
m
TJ = 25 C
°
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20
35
50
65 80
95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 F
m
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 F
m
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
IO − Output Current − mA
VIN = 4.3 V
COUT = 1 F
m
TJ = 25 C
°
−40 −25 −10 5
20 35
50 65
80 95 110 125
TJ − Junction Temperature − °C
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
VIN = 4.3 V
COUT = 1 F
m
IOUT = 50 mA
IOUT = 1 mA
TPS715
SLVS338R – MAY 2001 – REVISED APRIL 2015
www.ti.com
6.6 Typical Characteristics
Figure 1. Output Voltage vs Output Current
Figure 2. Output Voltage vs Junction Temperature
Figure 4. Output Spectral Noise Density vs Frequency
Figure 3. Quiescent Current vs Junction Temperature
Figure 5. Output Impendence vs Frequency
Figure 6. Dropout Voltage vs Output Current
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS715


Numéro de pièce similaire - TPS715_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
More results

Description similaire - TPS715_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com