Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9248BST-40 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9248BST-40
Description  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9248BST-40 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9248BST-40 Datasheet HTML 3Page - Analog Devices AD9248BST-40 Datasheet HTML 4Page - Analog Devices AD9248BST-40 Datasheet HTML 5Page - Analog Devices AD9248BST-40 Datasheet HTML 6Page - Analog Devices AD9248BST-40 Datasheet HTML 7Page - Analog Devices AD9248BST-40 Datasheet HTML 8Page - Analog Devices AD9248BST-40 Datasheet HTML 9Page - Analog Devices AD9248BST-40 Datasheet HTML 10Page - Analog Devices AD9248BST-40 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Preliminary Technical Data
AD9248
Rev. PrE | Page 7 of 23
AC SPECIFICATIONS
Table 4. (AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = –0.5 dBFS Differential Input, 1.0 V
Internal Reference, TMIN to TMAX, unless otherwise noted.)
Test
AD9248BST/BCP-
20
AD9248BST/BCP-
40
AD9248BST/BCP-
65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO
fINPUT = 2.4 MHz
25°C
V
73
73
73
dBc
fINPUT = 9.7 MHz
Full
V
73
dBc
25°C
IV
tbd
73
dBc
fINPUT = 19.6 MHz
Full
V
72
dBc
25°C
IV
tbd
72
dBc
fINPUT = 32.5 MHz
Full
V
72
dBc
25°C
IV
tbd
72
dBc
fINPUT = 100 MHz
25°C
V
70
70
70
dBc
SIGNAL-TO-NOISE AND
DISTORTION RATIO
fINPUT = 2.4 MHz
25°C
V
72.8
72.8
72.6
dBc
fINPUT = 9.7 MHz
Full
V
72
dBc
25°C
IV
tbd
72
dBc
fINPUT = 19.6 MHz
Full
V
71.9
dBc
25°C
IV
tbd
71.6
dBc
fINPUT = 32.5 MHz
Full
V
71.5
dBc
25°C
IV
tbd
71
dBc
fINPUT = 100 MHz
25°C
V
69.6
69.5
69.4
dBc
EFFECTIVE NUMBER OF BITS
(ENOB)
fINPUT = 2.4 MHz
25°C
V
11.8
11.8
11.8
Bits
fINPUT = 9.7 MHz
Full
V
11.7
Bits
25°C
IV
tbd
11.7
Bits
fINPUT = 19.6 MHz
Full
V
11.7
Bits
25°C
IV
tbd
11.7
Bits
fINPUT = 32.5 MHz
Full
V
11.6
Bits
25°C
IV
tbd
11.5
Bits
fINPUT = 100 MHz
25°C
V
11.4
11.4
11.3
Bits
TOTAL HARMONIC DISTORTION
fINPUT = 2.4 MHz
25°C
V
- 83.0
- 83.0
- 83.0
dBc
fINPUT = 9.7 MHz
Full
V
- 81.0
dBc
25°C
I
- 83.0
tbd
dBc
fINPUT = 19.6 MHz
Full
V
- 81.0
dBc
25°C
I
- 83.0
tbd
dBc
fINPUT = 32.5 MHz
Full
V
- 78.0
dBc
25°C
I
- 80.0
tbd
dBc
fINPUT = 100 MHz
25°C
V
- 77.0
- 79.0
- 74.0
dBc
WORST HARMONIC (2nd or 3rd)
fINPUT = 9.7 MHz
Full
V
- 84.0
dBc
fINPUT = 19.6 MHz
Full
V
- 85.0
dBc
fINPUT = 32.5 MHz
Full
V
- 80.0
dBc
SPURIOUS FREE DYNAMIC RANGE


Numéro de pièce similaire - AD9248BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9248BST-65EB AD-AD9248BST-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BST-65EBZ AD-AD9248BST-65EBZ Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BST-65EBZ AD-AD9248BST-65EBZ Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Description similaire - AD9248BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com