Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2401FS10-EVB Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI2401FS10-EVB
Description  Audio connector for call monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401FS10-EVB Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI2401FS10-EVB Datasheet HTML 2Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 3Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 4Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 5Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 6Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 7Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 8Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 9Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Si2401FS10-EVB
6
Rev. 1.1
3.1.7. USB Interface
The USB cable connects to J5 on the motherboard and
provides both data and power. Installing a jumper on
JP5 enables the USB interface and disables the RS-232
interface. The USB interface is provided by U5. A USB
driver for this chip is available for most PC and MAC
operating systems on the CD.
3.1.8. Direct Access Interface
The motherboard supplies power through J3, J4, or
USB, power-on reset, and an RJ-11 jack for the modem.
The direct access interface (JP3) is used to connect the
motherboard to an embedded system. JP3 provides
access to all Si2401 signals available on the daughter
card. It is necessary to install a jumper on JP8 to disable
both the RS-232 and USB interface and prevent signal
contention. Leave the jumper between JP7 pins 1 and
2. Figure 3 illustrates the jumper settings required for
the direct access mode using the motherboard.
Figure 3. Jumper Settings for Direct Access Interface
Table 4. DB9 Pin Connections
J1 Name
J1 Symbol
J1 Pin
Si2401 Pin
Si2401 Name
Carrier Detect
CD
11
Received Data
RXD
2
5
RXD
Transmit Data
TXD
3
6
TXD
Data Terminal Ready
DTR
42
14
ESC/GPIO3
Signal Ground
SG
5
12
GND
Data Set Ready
DSR
6
Note 3
Ready to Send
RTS
7
nc
Clear to Send
CTS
8
7
CTS
Ring Indicator
RD
91
nc
Notes:
1. JP6 + JP5 jumper option.
2. JP6 Jumper option.
3. DSR connected to DTR at J1.


Numéro de pièce similaire - SI2401FS10-EVB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
More results

Description similaire - SI2401FS10-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2400URT-EVB SILABS-SI2400URT-EVB Datasheet
683Kb / 22P
   Audio connector for call monitoring
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
   Selective Call
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
PHOENIX CONTACT
PSI-MODEM-BASIC PHOENIX-PSI-MODEM-BASIC Datasheet
60Kb / 2P
   Configurable, selective call acceptance
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com