Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1145-M01 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI1145-M01
Description  High reflectance sensitivity
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1145-M01 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI1145-M01 Datasheet HTML 2Page - Silicon Laboratories SI1145-M01 Datasheet HTML 3Page - Silicon Laboratories SI1145-M01 Datasheet HTML 4Page - Silicon Laboratories SI1145-M01 Datasheet HTML 5Page - Silicon Laboratories SI1145-M01 Datasheet HTML 6Page - Silicon Laboratories SI1145-M01 Datasheet HTML 7Page - Silicon Laboratories SI1145-M01 Datasheet HTML 8Page - Silicon Laboratories SI1145-M01 Datasheet HTML 9Page - Silicon Laboratories SI1145-M01 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Si1145/46/47-M01
6
Rev. 1.0
Table 2. Performance Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
IDD OFF Mode
Ioff
VDD < VDD_OFF (leakage from SCL,
SDA, and INT not included)
240
1000
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
VDD =1.8 V
—150
500
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
VDD =3.3 V
—1.4
µA
IDD Actively Measuring
Iactive
Without LED influence, VDD = 3.3 V
4.3
5.5
mA
Peak IDD while LED1,
LED2, or LED3 is Actively
Driven
VDD =3.3 V
8
mA
LED Driver Saturation
Voltage2,3
Vdd = 1.71 to 3.6 V
PS_LEDn = 0001
PS_LEDn = 0010
PS_LEDn = 0011
PS_LEDn = 0100
PS_LEDn = 0101
PS_LEDn = 0110
PS_LEDn = 0111
PS_LEDn = 1000
PS_LEDn = 1010
PS_LEDn = 1010
PS_LEDn = 1011
PS_LEDn = 1100
PS_LEDn = 1101
PS_LEDn = 1110
PS_LEDn = 1111
50
60
70
80
115
150
185
220
255
290
315
340
360
385
410
70
105
105
105
450
450
450
450
450
450
600
600
600
600
600
mV
LED1, LED2, LED3
Pulse Width
tPS
—25.6
30
µs
LED1, LED2, LED3, INT,
SCL, SDA
Leakage Current
VDD =3.3 V
–1
1
µA
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Guaranteed by design and characterization.
4. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.


Numéro de pièce similaire - SI1145-M01

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si1145-M01-GMR SILABS-Si1145-M01-GMR Datasheet
1Mb / 70P
   Integrated infrared proximity detector
More results

Description similaire - SI1145-M01

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1141-M01 SILABS-SI1141-M01 Datasheet
1Mb / 79P
   High reflectance sensitivity
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com