Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1145-M01 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI1145-M01
Description  High reflectance sensitivity
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1145-M01 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI1145-M01 Datasheet HTML 1Page - Silicon Laboratories SI1145-M01 Datasheet HTML 2Page - Silicon Laboratories SI1145-M01 Datasheet HTML 3Page - Silicon Laboratories SI1145-M01 Datasheet HTML 4Page - Silicon Laboratories SI1145-M01 Datasheet HTML 5Page - Silicon Laboratories SI1145-M01 Datasheet HTML 6Page - Silicon Laboratories SI1145-M01 Datasheet HTML 7Page - Silicon Laboratories SI1145-M01 Datasheet HTML 8Page - Silicon Laboratories SI1145-M01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Si1145/46/47-M01
Rev. 1.0
5
1. Electrical Specifications
1.1. Performance Tables
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Supply Voltage
VDD
1.71
3.6
V
VDD OFF Supply Voltage
VDD_OFF
OFF mode
–0.3
1.0
V
VDD Supply Ripple Voltage
VDD =3.3 V
1kHz–10MHz
——
50
mVpp
Operating Temperature
T
–40
25
85
°C
SCL, SDA, Input High Logic
Voltage
I2CVIH
VDDx0.7
VDD
V
SCL, SDA Input Low Logic
Voltage
I2CVIL
0—
VDDx0.3
V
PS Operation under
Direct Sunlight
Edc
128
klx
IrLED Emission Wavelength
l
750
850
950
nm
IrLED Supply Voltage
VLED
IrLED VF = 1.0 V nominal
VDD
—4.3
V
IrLED Supply Ripple Voltage
Applies if IrLEDs use
separate supply rail
0–30 kHz
30 kHz–100 MHz
250
100
mVpp
mVpp
Start-Up Time
VDD above 1.71 V
25
ms
LED3 Voltage
Start-up
VDDx0.77
V


Numéro de pièce similaire - SI1145-M01

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si1145-M01-GMR SILABS-Si1145-M01-GMR Datasheet
1Mb / 70P
   Integrated infrared proximity detector
More results

Description similaire - SI1145-M01

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1141-M01 SILABS-SI1141-M01 Datasheet
1Mb / 79P
   High reflectance sensitivity
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com