Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD717W_R1_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce MMBD717W_R1_00001
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717W_R1_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  MMBD717W_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD717W_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD717W_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD717W_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD717W_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.1-FEB.27.2009
MMBD717W SERIES
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
20 Volts
200 mA
MECHANICALDATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight:
gram
0.005
CURRENT
MAXIMUM RATINGS AND ELECTRICAL AHARACTERISTICS
Note : 1. FR-4 Board = 70 x 60 x 1mm.
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SOT-323
Unit: inch (mm)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
7
1
7
D
B
M
MW
A
7
1
7
D
B
M
MW
C
7
1
7
D
B
M
MW
S
7
1
7
D
B
M
MS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M-
0
7
P2
7
P3
7
P4
7
P-
e
g
a
tl
o
V
e
s
r
e
v
e
R
m
u
m
ix
a
MVR
0
2V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
R
0
2V
t
n
e
rr
u
C
d
r
a
w
r
o
F
m
u
m
ix
a
MI F
2
.
0A
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP T
O
T
0
0
2W
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TRθ A
J
6
5
5
o
W
/
C
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
TJ T
, STG
0
5
1
o
t
5
5
-
o
C
e
r
u
g
i
F
ti
u
c
r
i
C
-E
L
G
N
I
S
N
O
M
M
O
C
E
D
O
N
A
N
O
M
M
O
C
E
D
O
H
T
A
C
S
E
I
R
E
S-
COMMON ANODE
SINGLE
COMMON CATHODE
SERIES
FIG.16
FIG.17
FIG.15
FIG.14
FEATURES
• Very Low VF: 0.37V (Typ) at IF = 1mA
• Low Capacitance: 2.5 pF (Max) at VR=0V
• Extremely Fast Switching Speed
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.004(0.10)MAX.
0.006(0.15)
0.002(0.05)
0.016(0.40)
0.008(0.20)
0.044(1.10)
0.035(0.90)


Numéro de pièce similaire - MMBD717W_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
MMBD717W-T1 WTE-MMBD717W-T1 Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Won-Top Electronics
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717WS-T1 WTE-MMBD717WS-T1 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - MMBD717W_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com