Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6706TR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce L6706TR
Description  High output voltage accuracy
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 6Page - STMicroelectronics L6706TR Datasheet HTML 7Page - STMicroelectronics L6706TR Datasheet HTML 8Page - STMicroelectronics L6706TR Datasheet HTML 9Page - STMicroelectronics L6706TR Datasheet HTML 10Page - STMicroelectronics L6706TR Datasheet HTML 11Page - STMicroelectronics L6706TR Datasheet HTML 12Page - STMicroelectronics L6706TR Datasheet HTML 13Page - STMicroelectronics L6706TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical specifications
L6706
10/47
Doc ID 15698 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC, VCCDR
To PGND
15
V
VBOOT-
VPHASE
Boot voltage
15
V
VUGATE-
VPHASE
15
V
LGATE to PGND
-0.3 to Vcc+0.3
V
All other pins to PGND
-0.3 to 3.6
V
VPHASE
Negative peak voltage to PGND; T < 400 ns
VCC = VCCDR = 12 V
-8
V
Positive voltage to PGND
VCC = VCCDR = 12 V
26
V
Positive peak voltage to PGND; T < 200 ns
VCC = VCCDR = 12 V
30
V
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002- “human body model”
acceptance criteria: “normal performance”
+/- 1750
V


Numéro de pièce similaire - L6706TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6701 STMICROELECTRONICS-L6701 Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
L6701TR STMICROELECTRONICS-L6701TR Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
More results

Description similaire - L6706TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com