Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAC-301 Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPAC-301
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC-301 Fiches technique(HTML) 1 Page - Total Power International

  TPAC-301 Datasheet HTML 1Page - Total Power International TPAC-301 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING
SWITCHING POWER SUPPLIES
TPAC301P SERIES
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 300W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.5%.
Load Regulation: Typ. ±1-5%.
Noise & Ripple: Typ. 1% peak to peak or 50mV,
whichever is greater.
OVP: Built-in at all outputs.
Adjustability: Available at VO1,2&3.
Volt. Tolerance
: VO1/2 typ. 1%, VO3 typ. 3% , VO4 typ. 5%.
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Installed with internal OR-ing diodes
at all outputs for N+1 redundancy operation.
Current Sharing: Third-wire current sharing at VO1,2 &3.
Power OK Signal: Available for all output.
Over Current Protection (OCP): Installed at each rail.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typical 105-130% max. load.
Consult the factory for special OLP setting.
FEATURES:
300W 3U X 8HP EUROCARD PACKAGE
MEET IEC 61000-3-2 HARMONIC
CORRECTION
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 / FCC CLASS B
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2.Power Factor typ. 0.98-0.99.
Input Connector: Positronic 47-pin PCIH47M400A1.
Input Frequency: 47-63Hz.
Inrush Current: 6.96Arms at 230Vac.
Input Current: 3.34A at 115Vac/1.63A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1 regulation.
EMI: Meet EN 55022 / FCC Class B.
Hold-up Time: 18.4mS at 115Vac/230Vac.
Earth Leakage Current: Less than 0.5mA at 230Vac.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC and
thermostat for thermal sensor at [DEG#] pin.
GENERAL SPECIFICATION
Efficiency: Typ. 78%.
Switching Frequency: 120K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 200mV and
recovers within 0.5mS after 25% load-change.
Safety Standard: IEC 60950-1 Class I.
Construction: Eurocard 3U X 8HP X 160mm
CompactPCI format.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C.
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.02% / °C.
Cooling: At least 60CFM(800 LFM) moving air is required
to achieve full rating power 300W in a confined area.
Power Density: 7.7 Watts/ Cubic Inch.
NOTE: (1)All measurement are at nominal input, full load and +25°C unless otherwise specifications.
(2)Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Numéro de pièce similaire - TPAC-301

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAC-175 TOTAL-POWER-TPAC-175 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-202 TOTAL-POWER-TPAC-202 Datasheet
695Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE
TPAC-250 TOTAL-POWER-TPAC-250 Datasheet
496Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-400 TOTAL-POWER-TPAC-400 Datasheet
405Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-500 TOTAL-POWER-TPAC-500 Datasheet
408Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
More results

Description similaire - TPAC-301

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAC-400 TOTAL-POWER-TPAC-400 Datasheet
405Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-250 TOTAL-POWER-TPAC-250 Datasheet
496Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
HITRON ELECTRONICS CORP...
HAC300S HITRON-HAC300S Datasheet
210Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
Total Power Internation...
TPAC-175 TOTAL-POWER-TPAC-175 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-500 TOTAL-POWER-TPAC-500 Datasheet
408Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPAC-202 TOTAL-POWER-TPAC-202 Datasheet
695Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
logo
HITRON ELECTRONICS CORP...
HAC175P HITRON-HAC175P Datasheet
386Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com