Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6204A1DRB Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6204A1DRB
Description  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1DRB Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA6204A1DRB Datasheet HTML 2Page - Texas Instruments TPA6204A1DRB Datasheet HTML 3Page - Texas Instruments TPA6204A1DRB Datasheet HTML 4Page - Texas Instruments TPA6204A1DRB Datasheet HTML 5Page - Texas Instruments TPA6204A1DRB Datasheet HTML 6Page - Texas Instruments TPA6204A1DRB Datasheet HTML 7Page - Texas Instruments TPA6204A1DRB Datasheet HTML 8Page - Texas Instruments TPA6204A1DRB Datasheet HTML 9Page - Texas Instruments TPA6204A1DRB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
0.04
0.044
0.048
0.052
0.056
0.06
0
1
2
3
4
5
f = 1 kHz
PO = 200 mW,
RL = 1 kHz
VIC − Common Mode Input Voltage − V
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
P −
O
Output Power − W
5 V
3.6 V
8 W
R −
L
Load Resistance −
0
0.5
1
1.5
2
2.5
3
3.5
8
13
18
23
28
VDD = 5 V, THD 1%
VDD = 2.5 V, THD 10%
VDD = 2.5 V, THD 1%
VDD = 5 V, THD 10%
VDD = 3.6 V, THD 10%
VDD = 3.6 V, THD 1%
f = 1 kHz
Gain = 1 V/V
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
VDD − Supply Voltage − V
f = 1 kHz
Gain = 1 V/V
PO = 8 Ω, THD 1%
PO = 8 Ω, THD 10%
6
TPA6204A1
SLOS429C – MAY 2004 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
7.8 Typical Characteristics
Table 1. Table of Graphs
FIGURE
PO
Output power
vs Supply voltage
Figure 1
vs Load resistance
Figure 2
PD
Power dissipation
vs Output power
Figure 3
THD+N
Total harmonic distortion + noise
vs Output power
Figure 4
vs Frequency
Figure 5
vs Common-mode input voltage
Figure 6
KSVR
Supply voltage rejection ratio
vs Frequency
Figure 7
GSM Power supply rejection
vs Time
Figure 8
GSM Power supply rejection
vs Frequency
Figure 9
Closed-loop gain/phase
vs Frequency
Figure 10
Open-loop gain/phase
vs Frequency
Figure 11
IDD
Supply current
vs Supply voltage
Figure 12
vs Shutdown voltage
Figure 13
Start-up time
vs Bypass capacitor
Figure 14
Figure 1. Output Power vs Supply Voltage
Figure 2. Output Power vs Load Resistance
Figure 3. Power Dissipation vs Output Power
Figure 4. Total Harmonic Distortion + Noise vs Common-
Mode Input Voltage


Numéro de pièce similaire - TPA6204A1DRB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBG4 TI-TPA6204A1DRBG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBR TI-TPA6204A1DRBR Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBRG4 TI-TPA6204A1DRBRG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6204A1DRB

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com