Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6138A2PW Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6138A2PW
Description  DirectPath Headphone Driver With Adjustable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PW Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA6138A2PW Datasheet HTML 2Page - Texas Instruments TPA6138A2PW Datasheet HTML 3Page - Texas Instruments TPA6138A2PW Datasheet HTML 4Page - Texas Instruments TPA6138A2PW Datasheet HTML 5Page - Texas Instruments TPA6138A2PW Datasheet HTML 6Page - Texas Instruments TPA6138A2PW Datasheet HTML 7Page - Texas Instruments TPA6138A2PW Datasheet HTML 8Page - Texas Instruments TPA6138A2PW Datasheet HTML 9Page - Texas Instruments TPA6138A2PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
50
100 200
500
1k
2k
5k
10k 20k
f – Frequency – Hz
20
50 100 200
500 1k
2k
5k
10k 20k
f - Frequency - Hz
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
32 W
16 W
1
5
0.1
0.05
0.01
0.005
0.001
20
50 100 200
500 1k
2k
5k
10k 20k
f - Frequency - Hz
10 mW
Gain = 2 V/V,
Active Filter
20 mW
1
5
0.1
0.05
0.01
0.005
0.001
20
50 100 200
500 1k
2k
5k
10k 20k
f – Frequency – Hz
10 mW
Gain = 2 V/V,
Active Filter
20 mW
1
5
0.1
0.05
0.01
0.005
0.001
1m
5m
10m
20m
50m
P
– Output Power – W
O
2m
10 kHz
1 kHz
100 Hz
Gain = 2 V/V,
Active Filter
1
5
0.1
0.05
0.01
0.005
0.001
1m
5m
10m
20m
50m
P
– Output Power – W
O
2m
Gain = 2 V/V,
Active Filter
10 kHz
1 kHz
100 Hz
TPA6138A2
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
www.ti.com
7.7 Typical Characteristics
VDD = 3.3 V , TA = 25°C, C(PUMP) = C(VSS) = 1 μF , CIN = 2.2 μF, RIN = 15 kΩ, Rfb = 30 kΩ, ROUT = 10 Ω, COUT = 1 nF
(unless otherwise noted)
VDD = 3.3 V,
RL = 32 Ω
VDD = 3.3 V,
RL = 16 Ω
Figure 1. Total Harmonic Distortion and Noise
Figure 2. Total Harmonic Distortion and Noise
vs Output Power
vs Output Voltage
VDD = 3.3 V,
RL = 32 Ω
VDD = 3.3 V
RL = 16 Ω
Figure 3. Total Harmonic Distortion and Noise vs Frequency
Figure 4. Total Harmonic Distortion and Noise vs Frequency
Gain = 6dB
Vripple = 200 mVpp
Figure 6. Supply Rejection Ratio vs Frequency
Figure 5. Crosstalk vs Frequency
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPA6138A2


Numéro de pièce similaire - TPA6138A2PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2PW TI-TPA6138A2PW Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TPA6138A2PW TI1-TPA6138A2PW Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
More results

Description similaire - TPA6138A2PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com