Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD17900 Fiches technique(PDF) 2 Page - Winchester Electronics Corporation

No de pièce BD17900
Description  Serial Digital BNC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINCHESTER [Winchester Electronics Corporation]
Site Internet  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

BD17900 Fiches technique(HTML) 2 Page - Winchester Electronics Corporation

  BD17900 Datasheet HTML 1Page - Winchester Electronics Corporation BD17900 Datasheet HTML 2Page - Winchester Electronics Corporation BD17900 Datasheet HTML 3Page - Winchester Electronics Corporation BD17900 Datasheet HTML 4Page - Winchester Electronics Corporation BD17900 Datasheet HTML 5Page - Winchester Electronics Corporation BD17900 Datasheet HTML 6Page - Winchester Electronics Corporation BD17900 Datasheet HTML 7Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
- Page 2 -
Fig.1
Fig.2
Fig.3
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
RCA Crimp Connectors
This new Broadcast Grade crimp RCA plug will crimp onto standard RG 6 and RG 59 style coaxial cables
and the new mini-RG59 type. The introduction of this series will compliment the Bomar SBC series 75 ohm
connectors which are supplied to the broadcast systems integration.
Part No.
Description
Hex Crimp
Tool
RBC1505A
RCA crimp for 1505A cable
.255/.068
BDHD100
RBC1694A
RCA crimp for 1694A cable
.324/.068
BDHD100
RBC1855A
RCA crimp for 1855A cable
.178/.068
BDHD200
back to index
1
Manufactured of precision-machined brass, with heavy nickel plating, these corrosion-resistant parts feature nickel-plated, semi-captive contacts for
long-lasting connections. Their advanced shielding technology provides maximum isolation from EMI and RFI interference. Each connector is
shipped with six color-coded O-rings to allow easy identification when systems require multiple cables.
Compression Connectors - Broadcast Grade
Part No.
Fig.
Description
KCC1505B
1
BNC compression for 1505A cable (RG 59) DISCONTINUED
KCC1505F
2
F compression for 1505A cable (RG 59) RED **
KCC1505R
3
RCA compression for 1505A cable (RG 59) DISCONTINUED
KCC1694B
1
BNC compression for 1694A cable (RG 6)
DISCONTINUED
KCC1694BQ
1
BNC compression for 1694A cable (RG 6 QUAD)
DISCONTINUED
KCC1694F
2
F compression for 1694A cable (RG 6) YELLOW **
DISCONTINUED
KCC1694FQ
2
F compression for 1694A cable (RG 6 QUAD) BLUE **
KCC1694R
3
RCA compression for 1694A cable (RG 6)
KCC1855B
1
BNC compression for 1855A cable (RG 59 mini)
KCC1855F
2
F compression for 1855A cable (RG 59 mini) DISCONTINUED
KCC1855R
3
RCA crimp for 1855A cable (RG 59 mini)
BDKC6000
---
4
Compression tool for KCC series
RoHS compliant


Numéro de pièce similaire - BD17900

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
BD17900 WINCHESTER-BD17900 Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results

Description similaire - BD17900

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com