Moteur de recherche de fiches techniques de composants électroniques |
|
BA-0515S1HLF Fiches technique(PDF) 2 Page - Bothhand USA, LP. |
|
BA-0515S1HLF Fiches technique(HTML) 2 Page - Bothhand USA, LP. |
2 / 7 page BA-SH LF - Series 0.5 To 1 Watt Isolated DC-DC Converter BA-1205DH LF 5 100 18 56 60 ± 10 74 BA-1209DH LF 9 56 18 55 80 ± 8 76 BA-1212DH LF 12 42 18 55 100 ± 8 76 BA-1215DH LF 12 15 34 18 55 120 ±8 76 BA-2405SH LF 5 100 5 28 60 ± 10 74 BA-2409SH LF 9 56 5 28 80 ± 8 75 BA-2412SH LF 12 42 5 28 100 ± 8 75 BA-2415SH LF 24 15 34 5 28 120 ± 8 75 3) 1.0 W Single Output SIL Package Style BA-053R3S1H LF 3.3 300 30 263 50 ± 12 76 BA-0505S1H LF 5 200 30 253 60 ± 10 79 BA-0509S1H LF 9 111 30 256 100 ± 8 78 BA-0512S1H LF 12 84 30 256 100 ± 8 78 BA-0515S1H LF 5 15 67 30 250 120 ± 8 80 BA-123R3S1H LF 3.3 300 16 109 50 ± 12 76 BA-1205S1H LF 5 200 16 105 60 ± 10 79 BA-1209S1H LF 9 111 16 105 60 ± 8 79 BA-1212S1H LF 12 84 16 105 100 ± 8 79 BA-1215S1H LF 12 15 67 16 104 120 ± 8 80 BA-243R3S1H LF 3.3 300 6 55 50 ± 12 76 BA-2405S1H LF 5 200 6 54 60 ± 10 77 BA-2409S1H LF 9 111 6 54 60 ± 8 77 BA-2412S1H LF 12 84 6 52 100 ± 8 80 BA-2415S1H LF 24 15 67 6 50 120 ± 8 80 4) 1.0 W Single Output DIL Package Style BA-0505D1H LF 5 200 30 253 60 ± 10 79 BA-0509D1H LF 9 111 30 256 100 ± 8 78 BA-0512D1H LF 12 84 30 256 100 ± 8 78 BA-0515D1H LF 5 15 67 30 250 120 ± 8 80 BA-1205D1H LF 5 200 16 105 60 ± 10 79 BA-1209D1H LF 9 111 16 105 60 ± 8 79 BA-1212D1H LF 12 84 16 105 100 ± 8 79 BA-1215D1H LF 12 15 67 16 104 120 ± 8 80 BA-2405D1H LF 5 200 6 54 60 ± 10 77 BA-2409D1H LF 9 111 6 54 60 ± 8 77 BA-2412D1H LF 12 84 6 52 100 ± 8 80 BA-2415D1H LF 24 15 67 6 50 120 ± 8 80 Notes: Load regulation is for output current change from 20% to 100% Max. Load. BOTHHAND USA sales@bothhandusa.com |
Numéro de pièce similaire - BA-0515S1HLF |
|
Description similaire - BA-0515S1HLF |