Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0509S1HLF Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce BA-0509S1HLF
Description  0.5 To 1 Watt Isolated DC-DC Converter
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0509S1HLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BA-0509S1HLF Datasheet HTML 1Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 2Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 3Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 4Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 5Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 6Page - Bothhand USA, LP. BA-0509S1HLF Datenblatt HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
1 . Features
4 Pin SIL / 8 Pin SIL Package
Low Ripple And Noise
Input / Output Isolation:3000 Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight﹕1.4 g / 1.8 g
Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃
℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 0.5 W Single Output SIL Package Style
BA-053R3SH LF
3.3
150
28
135
50
± 12
74
BA-0505SH LF
5
100
28
135
60
± 10
74
BA-0509SH LF
9
56
28
135
80
± 8
74
BA-0512SH LF
12
42
28
132
100
± 8
76
BA-0515SH LF
5
15
34
28
132
120
± 8
76
BA-123R3SH LF
3.3
150
18
56
50
± 12
74
BA-1205SH LF
5
100
18
56
60
± 10
74
BA-1209SH LF
9
56
18
55
80
± 8
76
BA-1212SH LF
12
42
18
55
100
± 8
76
BA-1215SH LF
12
15
34
18
55
120
±8
76
BA-243R3SH LF
3.3
150
5
28
50
± 12
74
BA-2405SH LF
5
100
5
28
60
± 10
74
BA-2409SH LF
9
56
5
28
80
± 8
75
BA-2412SH LF
12
42
5
28
100
± 8
75
BA-2415SH LF
24
15
34
5
28
120
± 8
75
2) 0.5 W Single Output DIL Package Style
BA-0505DH LF
5
100
28
135
60
± 10
74
BA-0509DH LF
9
56
28
135
80
± 8
74
BA-0512DH LF
12
42
28
132
100
± 8
76
BA-0515DH LF
5
15
34
28
132
120
± 8
76
BOTHHAND USA sales@bothhandusa.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn