Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0512D2LF Fiches technique(PDF) 1 Page - Bothhand USA, LP.

No de pièce BA-0512D2LF
Description  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0512D2LF Fiches technique(HTML) 1 Page - Bothhand USA, LP.

  BA-0512D2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-0512D2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-0512D2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-0512D2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-0512D2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-0512D2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
1 . Features
4 Pin SIL / 8 Pin SIL Package
Low Ripple And Noise
Input / Output Isolation:1K Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight﹕1.4 g / 1.8 g
Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃
℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 2 W Single Output SIL Package Style
1 KV Isolation
BA-053R3S2 LF
3.3
600
40
533
50
± 12
75
BA-0505S2 LF
5
400
40
533
60
± 10
75
BA-0509S2 LF
9
222
40
533
80
± 8
75
BA-0512S2 LF
12
167
35
520
100
± 8
77
BA-0515S2 LF
5
15
134
35
520
120
± 8
77
BA-123R3S2 LF
3.3
600
18
222
50
± 12
75
BA-1205S2 LF
5
400
18
222
60
± 10
75
BA-1209S2 LF
9
222
16
217
80
± 8
77
BA-1212S2 LF
12
167
16
217
100
± 8
77
BA-1215S2 LF
12
15
134
16
217
120
± 8
77
BA-243R3S2 LF
3.3
600
5
111
50
± 12
75
BA-2405S2 LF
5
400
5
111
60
± 10
75
BA-2409S2 LF
9
222
5
110
80
± 8
76
BA-2412S2 LF
12
167
5
110
100
± 8
76
BA-2415S2 LF
24
15
134
5
110
120
± 8
76
2) 2 W Single Output DIL Package Style
1 KV Isolation
BA-0505D2 LF
5
400
40
533
60
± 10
75
BA-0509D2 LF
9
222
40
533
80
± 8
75
BA-0512D2 LF
12
167
35
520
100
± 8
77
BA-0515D2 LF
5
15
134
35
520
120
± 8
77
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn