Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0509D2LF Datasheet(Fiches technique) 5 Page - Bothhand USA, LP.

Numéro de pièce BA-0509D2LF
Description  2 Watt Isolated DC-DC Converter
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0509D2LF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BA-0509D2LF Datenblatt HTML 1Page - Bothhand USA, LP. BA-0509D2LF Datenblatt HTML 2Page - Bothhand USA, LP. BA-0509D2LF Datenblatt HTML 3Page - Bothhand USA, LP. BA-0509D2LF Datenblatt HTML 4Page - Bothhand USA, LP. BA-0509D2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-0509D2LF Datenblatt HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
Single Output DIL Package Style
9. Recommended Footprint Details
SIL Package Style
DIL Package Style
10. Package
Units : mm ( inch )
Tolerance : .xx ± 0.25 ( ± 0.01)
Pin
1K Vdc - Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
Bottom View
Date
Code
Printed
Face
BA-0505D2 LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
12.70
[0.50]
10.50
[0.41]
6.50
[0.26]
10.00
[0.39]
7.62
[0.30]
?0.50
[?0.02]
7.62
[0.30]
0.50
[0.02]
5.08
[0.20]
3.05
[0.12]
Min
5.00
[0.20]
7.70
[0.30]
8.50
[0.33]
Bottom View
12.7
[0.50]
10
[0.39]
7.62
[0.30]
-Vin
+Vin
-Vo
+Vo
1
4
5
7
6
[0.24]
1.25
[0.05]
11.68
[0.46]
-Vin +Vin -Vo +Vo
Bottom View
1
2
3
4
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn