Moteur de recherche de fiches techniques de composants électroniques |
|
BA-123R3SHLF Fiches technique(PDF) 3 Page - Bothhand USA, LP. |
|
BA-123R3SHLF Fiches technique(HTML) 3 Page - Bothhand USA, LP. |
3 / 7 page BA-SH LF - Series 0.5 To 1 Watt Isolated DC-DC Converter 3 . Absolute Maximum Ratings (Exceeding these values may damage the module. These are not continuous operating ratings) Parameter Condition Min. Typ. Max. Unit 5V Input Model - 0.7 5 7.5 12V Input Model - 0.7 12 15 Input Absolute Voltage Range 24V Input Model - 0.7 24 30 Vdc --- --- 0.5 Max. Output Power --- --- 1.0 W Output Short Circuit Duration --- --- 1.0 Second Operation Temperature (Ambient Temperature) - 40 --- + 85 Operation Temperature (Case Surface Temperature) Output Full Load -40 --- +95 Storage Temperature -55 --- +105 ℃ 4 . Nominal Input/Output Electrical Specifications (Specifications typical at Ta= +25℃ ℃ ℃ ℃ ,Nominal input voltage, Rated output current unless otherwise noted) Parameter Condition Min. Typ. Max. Unit 5V Input Model 4.5 5 5.5 12V Input Model 10.8 12 13.2 Input Voltage Range 24V Input Model 21.6 24 26.4 Vdc Line Regulation (Per1.0% change in input change) --- --- 1.3 Output Voltage Accuracy --- --- ± 5.0 Voltage Balance (Dual Outputs) --- --- ± 1.0 % Switching Frequency --- 80 --- KHz Temperature Coefficient Nominal Input --- ± 0.01 ± 0.02 %/ ℃ Isolation Voltage 60 Second/0.5mA 3000 --- --- Vdc Isolation Resistance 500Vdc 1000 --- --- MΩ Isolation Capacitance 1KHz / 250mV rms --- 40 --- pF 0.5 Watt --- --- 110 Capacitive Load 1 Watt --- --- 220 μF 5 . General Specification Parameter Specification Condition Isolation Voltage 3000 Vdc Test Duration 60 Seconds / 0.5 mA Isolation Resistance 1000 MΩ Min. @ 500 Vdc Humidity Up To 90 % --- Cooling Free Air Convection --- Case Type Plastic --- BOTHHAND USA sales@bothhandusa.com |
Numéro de pièce similaire - BA-123R3SHLF |
|
Description similaire - BA-123R3SHLF |