Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39030SJ10R Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LD39030SJ10R
Description  Digital still cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030SJ10R Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LD39030SJ10R Datasheet HTML 6Page - STMicroelectronics LD39030SJ10R Datasheet HTML 7Page - STMicroelectronics LD39030SJ10R Datasheet HTML 8Page - STMicroelectronics LD39030SJ10R Datasheet HTML 9Page - STMicroelectronics LD39030SJ10R Datasheet HTML 10Page - STMicroelectronics LD39030SJ10R Datasheet HTML 11Page - STMicroelectronics LD39030SJ10R Datasheet HTML 12Page - STMicroelectronics LD39030SJ10R Datasheet HTML 13Page - STMicroelectronics LD39030SJ10R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical performance characteristics
LD39030SJ
10/18
DocID18103 Rev 5
7
Typical performance characteristics
C
IN
= C
OUT
= 1 μF, V
EN
to V
IN
.
Figure 5. Output voltage vs. temperature
Figure 6. Output voltage vs. input voltage
Figure 7. Line regulation vs. temperature
Figure 8. Load regulation vs. temperature
Figure 9. Short-circuit current vs. drop voltage
Figure 10. Quiescent current vs. input voltage
V
IN
= V
EN
= 2.2 V ;
I
OUT
= 1 mA
V
OUT
= 1.2 V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
= V
EN
= 2.2 V ;
I
OUT
= 1 mA
V
OUT
= 1.2 V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
C
IN
= C
OUT
= 1 μF; V
EN
to V
IN
I
OUT
= 1 mA
V
OUT
= 1.2 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN
[V]
125
85
55
25
0
-25
-40
C
IN
= C
OUT
= 1 μF; V
EN
to V
IN
I
OUT
= 1 mA
V
OUT
= 1.2 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN
[V]
125
85
55
25
0
-25
-40
V
IN
= from 2.3 V to 5.5 V; I
OUT
= 1 mA
V
OUT
= 1.2 V
-0.01
0
0.01
0.02
0.03
0.04
0.05
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
= from 2.3 V to 5.5 V; I
OUT
= 1 mA
V
OUT
= 1.2 V
-0.01
0
0.01
0.02
0.03
0.04
0.05
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
= 2.2 V; I
OUT
= from 1 to 300 mA
V
OUT
= 1.2 V
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
= 2.2 V; I
OUT
= from 1 to 300 mA
V
OUT
= 1.2 V
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
00.5
11.5
22.5
33.544.5
55.5
6
DROP [V]
C
IN
= 1 μF (+100 μF electrolytic)
C
OUT
= 1 μF (+10 μF electrolytic)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
00.5
11.5
22.5
33.544.5
55.5
6
DROP [V]
C
IN
= 1 μF (+100 μF electrolytic)
C
OUT
= 1 μF (+10 μF electrolytic)
V
OUT
= 1.2 V
I
OUT
= 1 mA
0
5
10
15
20
25
30
35
0123
4
5
6
V
IN
[V]
V
OUT
= 1.2 V
I
OUT
= 1 mA
0
5
10
15
20
25
30
35
0123
4
5
6
V
IN
[V]


Numéro de pièce similaire - LD39030SJ10R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LD39030DTPU28R STMICROELECTRONICS-LD39030DTPU28R Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LD39030DTPU33R STMICROELECTRONICS-LD39030DTPU33R Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
More results

Description similaire - LD39030SJ10R

FabricantNo de pièceFiches techniqueDescription
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com