Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6111A2DGNR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6111A2DGNR
Description  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2DGNR Fiches technique(HTML) 1 Page - Texas Instruments

  TPA6111A2DGNR Datasheet HTML 1Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 2Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 3Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 4Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 5Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 6Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 7Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 8Page - Texas Instruments TPA6111A2DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Audio
Input
Bias
Control
8
1
7
4
VO1
VO2
VDD
5
2
3
6
IN 1−
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
C(BYP)
C(S)
Audio
Input
CI
RI
IN 2−
RF
VDD
From Shutdown
Control Circuit
+
+
C(C)
C(C)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
TPA6111A2 150-mW Stereo Audio Power Amplifier
1
1 Features
1
150-mW Stereo Output
PC Power Supply Compatible
Fully Specified for 3.3-V and
5-V Operation
Operation to 2.5 V
Pop Reduction Circuitry
Internal Midrail Generation
Thermal and Short-Circuit Protection
Surface-Mount Packaging
PowerPAD™ MSOP
SOIC
Pin Compatible With TPA122, LM4880, and
LM4881 (SOIC)
2 Applications
Smart Phones and Wireless Handsets
Portable Tablets
Notebook PCs and Docking Stations
3 Description
The TPA6111A2 is a stereo audio power amplifier
packaged in either an 8-pin SOIC or an 8-pin
PowerPAD MSOP package capable of delivering 150
mW of continuous RMS power per channel into 16-
loads. Amplifier gain is externally configured by
means of two resistors per input channel and does
not require external compensation for settings of 0 to
20 dB.
THD+N, when driving a 16-
Ω load from 5 V, is 0.03%
at 1 kHz, and less than 1% across the audio band of
20 Hz to 20 kHz. For 32-
Ω loads, the THD+N is
reduced to less than 0.02% at 1 kHz, and is less than
1% across the audio band of 20 Hz to 20 kHz. For
10-k
Ω loads, the THD+N performance is 0.005% at 1
kHz, and less than 0.5% across the audio band of 20
Hz to 20 kHz.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA6111A2
SOIC (8)
4.90 mm × 3.91 mm
MSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Numéro de pièce similaire - TPA6111A2DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6111A2DGNR TI-TPA6111A2DGNR Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGNRG4 TI-TPA6111A2DGNRG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6111A2DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com