Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6111A2DGN Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6111A2DGN
Description  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2DGN Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA6111A2DGN Datasheet HTML 3Page - Texas Instruments TPA6111A2DGN Datasheet HTML 4Page - Texas Instruments TPA6111A2DGN Datasheet HTML 5Page - Texas Instruments TPA6111A2DGN Datasheet HTML 6Page - Texas Instruments TPA6111A2DGN Datasheet HTML 7Page - Texas Instruments TPA6111A2DGN Datasheet HTML 8Page - Texas Instruments TPA6111A2DGN Datasheet HTML 9Page - Texas Instruments TPA6111A2DGN Datasheet HTML 10Page - Texas Instruments TPA6111A2DGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 150 mW,
CB = 1 µF,
RL = 8 kΩ
AV = −10 V/V
AV = −1 V/V
AV = −5 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 5 V,
RL = 8 Ω,
AV = −1 V/V,
CB = 1 µF
PO − Output Power − mW
1 kHz
20 kHz
100
20 Hz
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 3.3 V,
PO = 60 mW,
CB = 1 µF,
RL = 8 Ω,
AV = −1 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 3.3 V,
RL = 8 Ω,
AV = −1 V/V,
CB = 1 µF
100
PO − Output Power − mW
1 kHz
20 Hz
20 kHz
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 3.3 V,
PO = 100 mW,
CB = 1 µF,
RL = 10 kΩ,
AV = −1 V/V
AV = −10 V/V
AV = −1 V/V
AV = −5 V/V
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 10 kΩ
7
TPA6111A2
www.ti.com
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 5. Total Harmonic Distortion + Noise vs Frequency
Figure 6. Total Harmonic Distortion + Noise vs Frequency
Figure 7. Total Harmonic Distortion + Noise vs Frequency
Figure 8. Total Harmonic Distortion + Noise vs Output
Power
Figure 9. Total Harmonic Distortion + Noise vs Frequency
Figure 10. Total Harmonic Distortion + Noise vs Output
Power


Numéro de pièce similaire - TPA6111A2DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6111A2DGN TI-TPA6111A2DGN Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGN TI-TPA6111A2DGN Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGNG4 TI-TPA6111A2DGNG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGNR TI-TPA6111A2DGNR Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGNRG4 TI-TPA6111A2DGNRG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6111A2DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com