Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6111A2 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPA6111A2
Description  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2 Fiches technique(HTML) 3 Page - Texas Instruments

  TPA6111A2_17 Datasheet HTML 1Page - Texas Instruments TPA6111A2_17 Datasheet HTML 2Page - Texas Instruments TPA6111A2_17 Datasheet HTML 3Page - Texas Instruments TPA6111A2_17 Datasheet HTML 4Page - Texas Instruments TPA6111A2_17 Datasheet HTML 5Page - Texas Instruments TPA6111A2_17 Datasheet HTML 6Page - Texas Instruments TPA6111A2_17 Datasheet HTML 7Page - Texas Instruments TPA6111A2_17 Datasheet HTML 8Page - Texas Instruments TPA6111A2_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
8
7
6
5
VO1
IN1−
BYPASS
GND
VDD
VO2
IN2−
SHUTDOWN
3
TPA6111A2
www.ti.com
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Device Comparison Table
AVAILABLE OPTIONS
TPA6100A2
TPA6110A2
TPA6111A2
TPA6112A2
Headphone Channels
Stereo
Stereo
Stereo
Stereo
Output Power (W)
0.05
0.15
0.15
0.15
PSRR (dB)
72
83
83
83
Pin/Package
8-pin SOIC, 8-Pin
VSSOP
8-pin MSOP
8-pin MSOP, 8-Pin
SOIC
10-pin MSOP
6 Pin Configuration and Functions
D or DGN Package
8-Pin SOIC or MSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BYPASS
3
I
Tap to voltage divider for internal mid-supply bias supply. Connect to a 0.1-µF to 1-µF low ESR capacitor
for best performance.
GND
4
I
GND is the ground connection.
IN1–
2
I
IN1– is the inverting input for channel 1.
IN2–
6
I
IN2– is the inverting input for channel 2.
SHUTDO
WN
5
I
Puts the device in a low quiescent current mode when held high
VDD
8
I
VDD is the supply voltage terminal.
VO1
1
O
VO1 is the audio output for channel 1.
VO2
7
O
VO2 is the audio output for channel 2.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
6
V
VI
Input voltage
–0.3
VDD + 0.3
V
Continuous total power dissipation
Internally Limited
TJ
Operating junction temperature
–40
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature
–65
150
°C


Numéro de pièce similaire - TPA6111A2_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6111A2_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com