Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3100D2 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPA3100D2
Description  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA3100D2_17 Datasheet HTML 4Page - Texas Instruments TPA3100D2_17 Datasheet HTML 5Page - Texas Instruments TPA3100D2_17 Datasheet HTML 6Page - Texas Instruments TPA3100D2_17 Datasheet HTML 7Page - Texas Instruments TPA3100D2_17 Datasheet HTML 8Page - Texas Instruments TPA3100D2_17 Datasheet HTML 9Page - Texas Instruments TPA3100D2_17 Datasheet HTML 10Page - Texas Instruments TPA3100D2_17 Datasheet HTML 11Page - Texas Instruments TPA3100D2_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
0.003
10
0.005
0.01
0.1
1
20
20k
100
1k
10k
f-Frequency-Hz
V
=12V,
R =8
,
Gain=20dB
CC
L
W
P
=5W
O
P
=0.5W
O
P
=2.5W
O
0.003
10
0.005
0.01
0.1
1
20
20k
100
1k
10k
f-Frequency-Hz
V
=18V,
R =8
,
Gain=20dB
CC
L
W
P
=1W
O
P
=5W
O
P
=10W
O
0.003
10
0.005
0.01
0.1
1
20
20k
100
1k
10k
f-Frequency-Hz
V
=12V,
R =4
,
Gain=20dB
CC
L
W
P
=5W
O
P
=1W
O
P
=10W
O
0.003
10
0.005
0.01
0.1
1
20
20k
100
1k
10k
f-Frequency-Hz
V
=24V,
R =8
,
Gain=20dB
CC
L
W
P
=10W
O
P
=1W
O
P
=5W
O
TPA3100D2
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3100D2


Numéro de pièce similaire - TPA3100D2_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2IRGZRQ1 TI1-TPA3100D2IRGZRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHP TI-TPA3100D2PHP Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHPG4 TI-TPA3100D2PHPG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3100D2_17

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com