Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431BCPSR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431BCPSR
Description  Precision Programmable Reference
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCPSR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TL431BCPSR Datasheet HTML 6Page - Texas Instruments TL431BCPSR Datasheet HTML 7Page - Texas Instruments TL431BCPSR Datasheet HTML 8Page - Texas Instruments TL431BCPSR Datasheet HTML 9Page - Texas Instruments TL431BCPSR Datasheet HTML 10Page - Texas Instruments TL431BCPSR Datasheet HTML 11Page - Texas Instruments TL431BCPSR Datasheet HTML 12Page - Texas Instruments TL431BCPSR Datasheet HTML 13Page - Texas Instruments TL431BCPSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
R2
R1
|z |
KA
(1 +
(
∆I
∆V
|z'| =
∆I
KA
∆V
KA
|z | =
KA
(2)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 21), the total dynamic impedance of the circuit is given by:
which is approximately equal to
.
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
7.10 Electrical Characteristics, TL431AQ, TL432AQ
over recommended operating conditions, TA = 25°C (unless otherwise noted)
TL431AQ, TL432AQ
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Vref
Reference voltage
See Figure 20
VKA = Vref, IKA = 10 mA
2470
2495
2520
mV
Deviation of reference input
VI(dev)
voltage over full temperature
See Figure 20
VKA = Vref, IKA = 10 mA
14
34
mV
range(1)
Ratio of change in reference
ΔVKA = 10 V – Vref
–1.4
–2.7
ΔVref /
voltage to the change in
See Figure 21
IKA = 10 mA
mV/V
ΔVKA
ΔVKA = 36 V – 10 V
–1
–2
cathode voltage
Iref
Reference input current
See Figure 21
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
Deviation of reference input
II(dev)
current over full temperature
See Figure 21
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
0.8
2.5
µA
range(1)
Minimum cathode current for
Imin
See Figure 20
VKA = Vref
0.4
0.7
mA
regulation
Ioff
Off-state cathode current
See Figure 22
VKA = 36 V, Vref = 0
0.1
0.5
µA
|zKA|
Dynamic impedance(2)
See Figure 20
VKA = Vref, f ≤ 1 kHz, IKA = 1 mA to 100 mA
0.2
0.5
(1)
The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage
αVref is defined as:
αVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the lower temperature.
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B


Numéro de pièce similaire - TL431BCPSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431BCPSR TI-TL431BCPSR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSR TI1-TL431BCPSR Datasheet
2Mb / 74P
[Old version datasheet]   Precision Programmable Reference
TL431BCPSR TI-TL431BCPSR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSR TI1-TL431BCPSR Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431BCPSR TI-TL431BCPSR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Description similaire - TL431BCPSR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com