Moteur de recherche de fiches techniques de composants électroniques |
|
TCFGP1C106K8R Fiches technique(PDF) 1 Page - Rohm |
|
TCFGP1C106K8R Fiches technique(HTML) 1 Page - Rohm |
1 / 15 page TCFG series Tantalum capacitors 1/15 Chip tantalum capacitors with open-function built-in TCFG series ! ! ! ! Features ! ! ! ! External dimensions (Units : mm) 1) Safety design by open functiom built - in. 2) Wide capacitance range 3) Screening by thermal shock. Case code L W1 W2 HS B (3528) 3.5 0.2 2.8 0.2 1.9 0.2 1.9 0.2 0.8 0.3 A (3216) 3.2 0.2 1.6 0.2 1.2 0.2 1.6 0.2 0.8 0.3 P (2012) 2.0 0.2 1.25 0.2 0.9 0.2 Max.1.20 0.45 0.3 +− +− +− +− +− +− +− +− +− +− +− +− +− +− T C A0 J M 8 R Rated voltage Capacitance Tolerance pF Code : 1st two digits represent significant figures, 3rd digit represent multiplier (number of zeros to follow) 8 : Tape width (8mm) R :Anode is on the opposite side of the sprocket hole (V) 4 CODE ±10% K : ±20% M : 6.3 0J 10 1A 16 1C 20 1D 1 0 6 1 6 1 2 4 5 3 1 1 Series name TC/TCFG 2 Case code TC …………M,P,A TCFG …… P,A,B 3 Rataed voltage 0G 4 Capacitance 5 Taping 6 L H W1 Max. W2 W1 W2 S S |
Numéro de pièce similaire - TCFGP1C106K8R |
|
Description similaire - TCFGP1C106K8R |