Moteur de recherche de fiches techniques de composants électroniques |
|
TCFGP1C106K8R Fiches technique(PDF) 4 Page - Rohm |
|
TCFGP1C106K8R Fiches technique(HTML) 4 Page - Rohm |
4 / 15 page TCFG series Tantalum capacitors 4/15 Item Performance Test methods / conditions (based on JIS C 5102,5143) Temperature characteristics Temperature ∆C / C P case within +0% and −15% of the value before testing. A B case within +10% and −0% of the value before testing. P case within +0% and −15% of the value before testing. A B case within +0% and −10% of the value before testing. P case within +20% and −0% of the value before testing. A B case within +15% and −0% of the value before testing. P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. P case within ± 10% A B case within ± 5% P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. tan δ L.C − Temperature +85 °C −55°C ∆C / C tan δ Must satisfy the initial specified value. L.C Less than or equal to the larger of 5 µA or 0.1CV. ∆C / C tan δ L.C Less than or equal to the larger of 6.3 µA or 0.125CV. Temperature +125 °C Apply the rated surge voltage for 30 ± 5s at intervals of 5 ± .05mins. 1000 times, with the temperature at 85 ± 2 °C. meusure made after pieces shall be left for 1 to 2 hrs under room temp. and room humidity after test. Surge resistance A B case no noticeable irregularities, and the markings must be easy to read. Appearance ∆C / C tan δ Must satisfy the initial specified value. L.C Temp. Series Resistance Applied voltage Test time High- temperature load Appearance No noticeable irregularities, and the markings must be easy to read. Terminal strength Capacitance Value must be stable during measurement. tan δ ∆C / C Within ± 10% L. C Must satisfy the initial specified value. Appearance No noticeable irregularities. Apply pressure to the device using the specified tool for 5s so that the center deflection is 1mm (see below). 1 F (Direction of force) (Units: mm) 20 50 R230 45 45 : 85 ± 2 °C : 3 Ωmax. : rated voltage : P case 1000 +36 hrs A B case 2000 +73 hrs − 0 − 0 |
Numéro de pièce similaire - TCFGP1C106K8R |
|
Description similaire - TCFGP1C106K8R |