Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFGB0G106K8R Fiches technique(PDF) 4 Page - Rohm

No de pièce TCFGB0G106K8R
Description  Chip tantalum capacitors with open-function built-in
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCFGB0G106K8R Fiches technique(HTML) 4 Page - Rohm

  TCFGB0G106K8R Datasheet HTML 1Page - Rohm TCFGB0G106K8R Datasheet HTML 2Page - Rohm TCFGB0G106K8R Datasheet HTML 3Page - Rohm TCFGB0G106K8R Datasheet HTML 4Page - Rohm TCFGB0G106K8R Datasheet HTML 5Page - Rohm TCFGB0G106K8R Datasheet HTML 6Page - Rohm TCFGB0G106K8R Datasheet HTML 7Page - Rohm TCFGB0G106K8R Datasheet HTML 8Page - Rohm TCFGB0G106K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TCFG series
Tantalum capacitors
4/15
Item
Performance
Test methods / conditions
(based on JIS C 5102,5143)
Temperature
characteristics
Temperature
∆C / C
P case within +0% and
−15% of the value before testing.
A B case within +10% and
−0% of the value before testing.
P case within +0% and
−15% of the value before testing.
A B case within +0% and
−10% of the value before testing.
P case within +20% and
−0% of the value before testing.
A B case within +15% and
−0% of the value before testing.
P case within 1.5 times of the value before testing.
A B case must satisfy the initial specified value.
P case within 1.5 times of the value before testing.
A B case must satisfy the initial specified value.
P case within 1.5 times of the value before testing.
A B case must satisfy the initial specified value.
P case within ± 10%
A B case within ± 5%
P case within 1.5 times of the value before testing.
A B case must satisfy the initial specified value.
tan
δ
L.C
Temperature +85
°C
−55°C
∆C / C
tan
δ
Must satisfy the initial specified value.
L.C
Less than or equal to the larger of 5
µA or 0.1CV.
∆C / C
tan
δ
L.C
Less than or equal to the larger of 6.3
µA or
0.125CV.
Temperature +125
°C
Apply the rated surge voltage for
30 ± 5s at intervals of 5 ± .05mins.
1000 times, with the temperature at
85 ± 2
°C.
meusure made after pieces shall be left for
1 to 2 hrs under room temp. and room
humidity after test.
Surge
resistance
A B case no noticeable irregularities, and the
markings must be easy to read.
Appearance
∆C / C
tan
δ
Must satisfy the initial specified value.
L.C
Temp.
Series Resistance
Applied voltage
Test time
High-
temperature
load
Appearance
No noticeable irregularities, and the
markings must be easy to read.
Terminal
strength
Capacitance
Value must be stable during measurement.
tan
δ
∆C / C
Within ± 10%
L. C
Must satisfy the initial specified value.
Appearance
No noticeable irregularities.
Apply pressure to the device using the
specified tool for 5s so that the center
deflection is 1mm (see below).
1
F (Direction of force)
(Units: mm)
20
50
R230
45
45
: 85 ± 2
°C
: 3
Ωmax.
: rated voltage
: P case 1000
+36 hrs
A B case 2000
+73 hrs
− 0
− 0


Numéro de pièce similaire - TCFGB0G106K8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFGB0G106K8R ROHM-TCFGB0G106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB0G106K8R ROHM-TCFGB0G106K8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Description similaire - TCFGB0G106K8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com