Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9269-65EBZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9269-65EBZ
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9269-65EBZ Fiches technique(HTML) 4 Page - Analog Devices

  AD9269-65EBZ Datasheet HTML 1Page - Analog Devices AD9269-65EBZ Datasheet HTML 2Page - Analog Devices AD9269-65EBZ Datasheet HTML 3Page - Analog Devices AD9269-65EBZ Datasheet HTML 4Page - Analog Devices AD9269-65EBZ Datasheet HTML 5Page - Analog Devices AD9269-65EBZ Datasheet HTML 6Page - Analog Devices AD9269-65EBZ Datasheet HTML 7Page - Analog Devices AD9269-65EBZ Datasheet HTML 8Page - Analog Devices AD9269-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD9269
Rev. A | Page 3 of 40
GENERAL DESCRIPTION
The AD9269 is a monolithic, dual-channel, 1.8 V supply, 16-bit,
20/40/65/80 MSPS analog-to-digital converter (ADC). It features
a high performance sample-and-hold circuit and on-chip voltage
reference.
The product uses multistage differential pipeline architecture with
output error correction logic to provide 16-bit accuracy at 80 MSPS
data rates and to guarantee no missing codes over the full operating
temperature range.
The AD9269 incorporates an optional integrated dc correction
and quadrature error correction block (QEC) that corrects for
dc offset, gain, and phase mismatch between the two channels.
This functional block can be very beneficial to complex signal
processing applications such as direct conversion receivers.
The ADC also contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom
user-defined test patterns entered via the serial port interface (SPI).
A differential clock input controls all internal conversion cycles.
An optional duty cycle stabilizer (DCS) compensates for wide
variations in the clock duty cycle while maintaining excellent
overall ADC performance.
The digital output data is presented in offset binary, gray code,
or twos complement format. A data output clock (DCO) is pro-
vided for each ADC channel to ensure proper latch timing with
receiving logic. Both 1.8 V and 3.3 V CMOS levels are supported,
and output data can be multiplexed onto a single output bus.
The AD9269 is available in a 64-lead RoHS-compliant LFCSP
and is specified over the industrial temperature range (−40°C to
+85°C).


Numéro de pièce similaire - AD9269-65EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9269-65EBZ AD-AD9269-65EBZ Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Description similaire - AD9269-65EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9269 AD-AD9269 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com