Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP102AIDRLRG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP102AIDRLRG4
Description  Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TMP102AIDRLRG4 Datasheet HTML 1Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 2Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP102
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TMP102
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial
Interface in SOT563
1 Features
3 Description
The TMP102 device is a digital temperature sensor
1
SOT563 Package (1.6-mm × 1.6-mm) is a 68%
ideal for NTC/PTC thermistor replacement where high
Smaller Footprint than SOT-23
accuracy is required. The device offers an accuracy
Accuracy Without Calibration:
of ±0.5°C without requiring calibration or external
2.0°C (max) from –25°C to 85°C
component signal conditioning. Device temperature
sensors are highly linear and do not require complex
3.0°C (max) from –40°C to 125°C
calculations
or
lookup
tables
to
derive
the
Low Quiescent Current:
temperature.
The
on-chip
12-bit
ADC
offers
10-
μA Active (max)
resolutions down to 0.0625°C.
1-
μA Shutdown (max)
The 1.6-mm × 1.6-mm SOT563 package is 68%
Supply Range: 1.4 to 3.6 V
smaller footprint than an SOT-23 package. The
TMP102 device features SMBus™, two-wire and I2C
Resolution: 12 Bits
interface compatibility, and allows up to four devices
Digital Output: SMBus™, Two-Wire, and I2C
on one bus. The device also features an SMBus alert
Interface Compatibility
function. The device is specified to operate over
NIST Traceable
supply voltages from 1.4 to 3.6 V with the maximum
quiescent current of 10 µA over the full operating
range.
2 Applications
The TMP102 device is ideal for extended temperature
Portable and Battery-Powered Applications
measurement
in
a
variety
of
communication,
Power-supply Temperature Monitoring
computer, consumer, environmental, industrial, and
Computer Peripheral Thermal Protection
instrumentation applications. The device is specified
Notebook Computers
for operation over a temperature range of –40°C to
125°C.
Battery Management
Office Machines
The TMP102 production units are 100% tested
against sensors that are NIST-traceable and are
Thermostat Controls
verified with equipment that are NIST-traceable
Electromechanical Device Temperatures
through ISO/IEC 17025 accredited calibrations.
General Temperature Measurements:
Device Information(1)
Industrial Controls
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Test Equipment
TMP102
SOT563 (6)
1.60 mm × 1.20 mm
Medical Instrumentations
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TMP102AIDRLRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI1-TMP102AIDRLRG4 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results

Description similaire - TMP102AIDRLRG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com