Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPX66N0105J Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce FPX66N0105J
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

FPX66N0105J Fiches technique(HTML) 2 Page - AVX Corporation

  FPX66N0105J Datasheet HTML 1Page - AVX Corporation FPX66N0105J Datasheet HTML 2Page - AVX Corporation FPX66N0105J Datasheet HTML 3Page - AVX Corporation FPX66N0105J Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JUNE 2015
83
Medium Power Film Capacitors
FPX (FPY RoHS Compliant)
Capacitance range Cn
0.5μF to 6μF
Tolerance on Cn
±5%
Rated DC voltage Vndc
1000 to 3000 V
Peak voltage Vpeak
1600 to 4000 V
Allowable overvoltage Vs (for 10 s/day)
2000 to 4600 V
Stray inductance
5 to 20 nH
RMS current
Irms max. = up to 160 A
The currents shown in the tables are maximum.
It is necessary to respect the thermal limits of the dielectric 85°C
see “Hot spot temperature calculation”
Insulation resistance
Ri x C ≥ 30,000 s
Impulse current
I2.t maxi. = up to 729 A2.s
Spikes or peak currents in the capacitors may cause a deterioration of the
bonding between the metallization and the connections. These bonds are
capable of withstanding only a limited amount of energy for each spike. The
table shows the maximum energy permitted in the form (I2.t), where I is in
Ampere, and t is in seconds.
Note: The formula (I2.t) replaces dV/dt which is less easy to use as it is not an expression of energy (I = C.dV/dt).
This type of capacitor has been designed to withstand high (I2.t) values.
Variation of capacitance with temperature
ΔC
C
≤ ±2% between -40 and 85°C
Climatic category
40/085/56 (IEC 60068)
Test voltage between terminals @ 25°C
Vs for 10s
Test voltage between terminals
and case @ 25°C (Type test)
@ 7 kVrms @ 50 Hz for 1 min.
Dielectric
Polypropylene
ELECTRICAL CHARACTERISTICS


Numéro de pièce similaire - FPX66N0105J

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FPX600-20 ETC1-FPX600-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX600F-20 ETC1-FPX600F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640-20 ETC1-FPX640-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640F-20 ETC1-FPX640F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
More results

Description similaire - FPX66N0105J

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com