Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB018B0183 Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce CB018B0183
Description  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

CB018B0183 Fiches technique(HTML) 1 Page - AVX Corporation

  CB018B0183 Datasheet HTML 1Page - AVX Corporation CB018B0183 Datasheet HTML 2Page - AVX Corporation CB018B0183 Datasheet HTML 3Page - AVX Corporation CB018B0183 Datasheet HTML 4Page - AVX Corporation CB018B0183 Datasheet HTML 5Page - AVX Corporation CB018B0183 Datasheet HTML 6Page - AVX Corporation CB018B0183 Datasheet HTML 7Page - AVX Corporation CB018B0183 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
39
Film Chip Capacitors
PPS DIELECTRIC – CB Series
GENERAL DESCRIPTION
Film chip capacitor using a naked and stacked construction with
metallized PolyPhenylene Sulfide film (PPS)
ADVANTAGES
• Applicable for both flow and reflow soldering.
• Very constant Capacitance value with temperature.
• Low dielectric absorption.
• The intrinsic elasticity of the dielectric film provides an
excellent compatibility of the capacitor with all types of
material for printed circuit boards.
• Excellent thermal shock resistance.
• Low dissipation factor, ESR and ESL.
• No piezoelectric effect.
• Available in tape and reel suitable for automatic placement.
• Non-polar construction.
APPLICATIONS
General purpose function in low voltage applications:
• Filtering, coupling, decoupling
• Time-constant
• Oscillation timing circuit
Typical applications would be:
• Automotive (navigation system ...)
• Telecom (GSM PLL circuit, ADSL system ...)
• Industrial (Lighting and power supplies...)
PERFORMANCE CHARACTERISTICS
Climatic Category
55/125/56
Capacitance Range
1nF to 180nF
Tolerance on C
R
±2%, ±5%, ±10%
Nominal Voltages
16Vdc to 50Vdc
Test Voltage
1.4Vr 2 sec. at 25°C
Soldering methods
IR vapor phase reflow
Tangent of Loss Angle at 1kHz (DF)
< 50 x 10-4
Insulation resistance minimum: IR
for C ≤ 0.33μF IR > 1000 MΩ at 20°C
for 1 min. charge at 10VDC for VR < 100VDC
Temperature range
-55°C to 125°C
A.C. applications
for high frequency A.C. application please check with AVX
No self-healing properties
Outer Layer
Termination Plating :
100% matte Sn
Ni Barrier Under
Termination
Silver Epoxy
Resin
Brass
Active Layers : PPS dielectric


Numéro de pièce similaire - CB018B0183

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CB012T2R2M ETC1-CB012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Description similaire - CB018B0183

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com