Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T0820 Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce T0820
Description  4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0820 Fiches technique(HTML) 2 Page - ATMEL Corporation

  T0820 Datasheet HTML 1Page - ATMEL Corporation T0820 Datasheet HTML 2Page - ATMEL Corporation T0820 Datasheet HTML 3Page - ATMEL Corporation T0820 Datasheet HTML 4Page - ATMEL Corporation T0820 Datasheet HTML 5Page - ATMEL Corporation T0820 Datasheet HTML 6Page - ATMEL Corporation T0820 Datasheet HTML 7Page - ATMEL Corporation T0820 Datasheet HTML 8Page - ATMEL Corporation T0820 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
T0820
4506F–DVD–09/04
Pin Configuration
Figure 2. Pinning SSO16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RF
I3
I4
NE2
NE3
NE4
IR
I2
IOUT
GND
RS
ENABLE
ENOSC
VCC2
VCC1
VCC2
T0820
Pin Description
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
RF
Analog
External resistor to GND sets oscillator frequency
4
I3
Analog
Input current, bias voltage approximately GND
5
I4
Analog
Input current, bias voltage approximately GND
6
NE2
Digital
Digital control of channel 2 (low active)
7
NE3
Digital
Digital control of channel 3 (low active)
8
NE4
Digital
Digital control of channel 4 (low active)
9
VCC2
Supply
+5 V power supply for IOUT
10
ENOSC
Digital
Enables RF oscillator (high active)
11
ENABLE
Digital
Enables output current (high active)
12
RS
Analog
External resistor to GND sets oscillator swing
13
GND
Supply
Ground
14
IOUT
Analog
Output current source for laser diode
15
VCC2
Supply
+5 V power supply for IOUT
16
VCC1
Supply
+5 V power supply for circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn