Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T0820 Fiches technique(PDF) 1 Page - ATMEL Corporation

No de pièce T0820
Description  4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0820 Fiches technique(HTML) 1 Page - ATMEL Corporation

  T0820 Datasheet HTML 1Page - ATMEL Corporation T0820 Datasheet HTML 2Page - ATMEL Corporation T0820 Datasheet HTML 3Page - ATMEL Corporation T0820 Datasheet HTML 4Page - ATMEL Corporation T0820 Datasheet HTML 5Page - ATMEL Corporation T0820 Datasheet HTML 6Page - ATMEL Corporation T0820 Datasheet HTML 7Page - ATMEL Corporation T0820 Datasheet HTML 8Page - ATMEL Corporation T0820 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 4506F–DVD–09/04
Features
Current-controlled Output Current Source with 4 Input Channels
Low-power Consumption
Output Current up to 150 mA, Read Channel and Channel 2
Output Current up to 200 mA, Channel 3 and Channel 4
Total Output Current to 300 mA
Rise Time 1.0 ns, Fall Time 1.1 ns
On-chip RF Oscillator
Control Frequency and Swings by Use of 2 External Resistors
Oscillator Frequency Range from 200 MHz to 600 MHz
Oscillator Swing to 100 mA
Single 5 V Power Supply
Common Enable/Disable Input
TTL/CMOS Control Signals
Small SSO16 Package
Application
DVD-RAM
DVD-RW
DVD+RW
CD-RW
Writable Optical Drives
Description
The T0820 is a laser diode driver for the operation of a grounded laser diode for
writable optical drives. It includes four channels for four different optical power levels
which are controlled by a separate IC. The read channel generates a continuous
output level whereas channels 2 to 4 are provided as write channels with very fast
switching speeds. Write current pulses are enabled when a "low" signal is applied to
the NE pins. All channels are summed together at the IOUT pin. Read channel and
channel 2 can contribute up to 150 mA and channels 3 and 4 up to 200 mA to the total
output current of up to 300 mA. A total gain of 100 is provided between each reference
current input and the selected output. Although the reference inputs are current inputs
voltage control is possible by using external resistors. Frequency and swing can be set
by two external resistors. Oscillation is enabled by a "high" at the ENOSC pin. Com-
plete output current and oscillator switch-off is achieved by a `low' at the ENABLE
input.
Figure 1. Block Diagram
Channel 3
Channel 2
I3
NE3
I2
NE2
Read channel
RF oscillator
IR
ENOSC
ENABLE
IOUT
I4
RF
RS
Channel 4
NE4
4-channel Laser
Driver with RF
Oscillator
T0820


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn