Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW35NB60S Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STGW35NB60S
Description  N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60S Fiches technique(HTML) 1 Page - STMicroelectronics

  STGW35NB60S Datasheet HTML 1Page - STMicroelectronics STGW35NB60S Datasheet HTML 2Page - STMicroelectronics STGW35NB60S Datasheet HTML 3Page - STMicroelectronics STGW35NB60S Datasheet HTML 4Page - STMicroelectronics STGW35NB60S Datasheet HTML 5Page - STMicroelectronics STGW35NB60S Datasheet HTML 6Page - STMicroelectronics STGW35NB60S Datasheet HTML 7Page - STMicroelectronics STGW35NB60S Datasheet HTML 8Page - STMicroelectronics STGW35NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2007
Rev 1
1/13
13
STGW35NB60S
N-channel 35A - 600V - TO-247
Low drop PowerMESH™ IGBT
Features
Low on-voltage drop (VCEsat)
Low input capacitance
High current capability
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH
IGBTs,
with
outstanding
performances.
Applications
Light dimmer
HID
Welding
Motor control
Static relays
Internal schematic diagram
Type
VCES
VCE(sat)
(Max)@ 25°C
IC
@100°C
STGW35NB60S
600V
< 1.7V
35A
TO-247
www.st.com
Order code
Part number
Marking
Package
Packaging
STGW35NB60S
GW35NB60S
TO-247
Tube
Obsolete
Product(s)
- Obsolete
Product(s)


Numéro de pièce similaire - STGW35NB60S

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW35NB60SD STMICROELECTRONICS-STGW35NB60SD Datasheet
242Kb / 13P
   N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
More results

Description similaire - STGW35NB60S

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW35NB60SD STMICROELECTRONICS-STGW35NB60SD Datasheet
242Kb / 13P
   N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
   N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com