Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW19NC60W Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STGW19NC60W
Description  19 A, 600 V - ultrafast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW19NC60W Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STGW19NC60W Datasheet HTML 3Page - STMicroelectronics STGW19NC60W Datasheet HTML 4Page - STMicroelectronics STGW19NC60W Datasheet HTML 5Page - STMicroelectronics STGW19NC60W Datasheet HTML 6Page - STMicroelectronics STGW19NC60W Datasheet HTML 7Page - STMicroelectronics STGW19NC60W Datasheet HTML 8Page - STMicroelectronics STGW19NC60W Datasheet HTML 9Page - STMicroelectronics STGW19NC60W Datasheet HTML 10Page - STMicroelectronics STGW19NC60W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STGW19NC60W
Electrical characteristics
DocID12759 Rev 4
7/13
Figure 8: Normalized gate threshold voltage vs
temperature
Figure 9: Collector-emitter on voltage vs collector
current
Figure 10: Normalized breakdown voltage vs
temperature
Figure 11: Switching energy vs temperature
Figure 12: Switching energy vs gate resistance
Figure 13: Switching energy vs collector current


Numéro de pièce similaire - STGW19NC60W

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW19NC60WD STMICROELECTRONICS-STGW19NC60WD Datasheet
312Kb / 15P
   N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
More results

Description similaire - STGW19NC60W

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com