Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW19NC60H Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STGW19NC60H
Description  19 A - 600 V - very fast IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW19NC60H Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STGW19NC60H Datasheet HTML 4Page - STMicroelectronics STGW19NC60H Datasheet HTML 5Page - STMicroelectronics STGW19NC60H Datasheet HTML 6Page - STMicroelectronics STGW19NC60H Datasheet HTML 7Page - STMicroelectronics STGW19NC60H Datasheet HTML 8Page - STMicroelectronics STGW19NC60H Datasheet HTML 9Page - STMicroelectronics STGW19NC60H Datasheet HTML 10Page - STMicroelectronics STGW19NC60H Datasheet HTML 11Page - STMicroelectronics STGW19NC60H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
STGB19NC60H, STGP19NC60H, STGW19NC60H
8/15
Doc ID 14398 Rev 4
Figure 14. RBSOA
Figure 15. Thermal impedance for TO-220,
D²PAK
Figure 16. Thermal impedance for TO-247
Obsolete
Product(s)
- Obsolete
Product(s)


Numéro de pièce similaire - STGW19NC60H

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW19NC60H STMICROELECTRONICS-STGW19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGW19NC60HD STMICROELECTRONICS-STGW19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGW19NC60HD STMICROELECTRONICS-STGW19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGW19NC60HD STMICROELECTRONICS-STGW19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
More results

Description similaire - STGW19NC60H

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com