Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGB20N40LZ Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STGB20N40LZ
Description  Low saturation voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20N40LZ Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STGB20N40LZ Datasheet HTML 4Page - STMicroelectronics STGB20N40LZ Datasheet HTML 5Page - STMicroelectronics STGB20N40LZ Datasheet HTML 6Page - STMicroelectronics STGB20N40LZ Datasheet HTML 7Page - STMicroelectronics STGB20N40LZ Datasheet HTML 8Page - STMicroelectronics STGB20N40LZ Datasheet HTML 9Page - STMicroelectronics STGB20N40LZ Datasheet HTML 10Page - STMicroelectronics STGB20N40LZ Datasheet HTML 11Page - STMicroelectronics STGB20N40LZ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STGB20N40LZ, STGD20N40LZ
8/20
DocID024251 Rev 5
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized collector emitter on-
voltage vs temperature
Figure 14. Thermal impedance for D²PAK
Figure 15. Thermal impedance for DPAK
Vth
0.6
-100
0
TJ(°C)
(norm)
-50
150
50
100
0.8
1
VGE = VCE
IC = 1mA
GIPD1706201314132SR
Vce(sat)
0.85
TJ(°C)
(norm)
-50
0
50
100
150
VGE= 4.5V
IC= 10A
0.9
0.95
1
1.05
1.1
-100
GIPD180620131434FSR


Numéro de pièce similaire - STGB20N40LZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
More results

Description similaire - STGB20N40LZ

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
   Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
   low saturation voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
   Low Saturation Voltage
logo
Inchange Semiconductor ...
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
   Low Saturation Voltage
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com