Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5262BS-D3 Fiches technique(PDF) 3 Page - SamHop Microelectronics Corp.

No de pièce SM5262BS-D3
Description  3 RF ENCODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5262BS-D3 Fiches technique(HTML) 3 Page - SamHop Microelectronics Corp.

  SM5262BS-D3 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5262BS-D3 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3
OCT. 2001
PIN FUNCTION
No.
1
2
3
4
5
6
7
Pin Name
A0
A1
A2
A3
A4
A5
A6/D5
I/O
I
I
I
I
I
I
I/O
Function Operation
Address input, each pin can be set to "0",
"1" , or floating.
Address input or data output.
Negative power supply.
Address input or data output.
8
9
10
A7/D4
VSS
A8/D3
I/O
POWER
I/O
11
12
A9/D2
A10/D1
I/O
I/O
13
A11/D0
I/O
14
15
OSC1
I
Resistor connected between these two pins
determine the system clock.
16
OSC2
O
17
Dout
O
Serial output of encoded signals.
18
VDD
POWER
Positive power supply.
TE
I
Enables transmission.
LED
O
LED Output.
SM5262B
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5262BS-D3

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Description similaire - SM5262BS-D3

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
   RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
List of Unclassifed Man...
M5E ETC1-M5E Datasheet
191Kb / 8P
   3 STATES ENCODER
M318E ETC2-M318E Datasheet
142Kb / 5P
   3 STATES ENCODER
M3EB ETC2-M3EB Datasheet
89Kb / 7P
   3 STATES ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com