Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2610LH1Q Fiches technique(PDF) 11 Page - Zarlink Semiconductor Inc

No de pièce SL2610LH1Q
Description  Wide Dynamic Range Image Reject MOPLL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2610LH1Q Fiches technique(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SL2610LH1Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 13Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 14Page - Zarlink Semiconductor Inc SL2610LH1Q Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SL2610
Data Sheet
11
Zarlink Semiconductor Inc.
Table 6 - Charge pump current
Table 7 - Band select
C1
C0
Current in µA
Min.
Typ.
Max.
00
+85
+130
+175
01
+190
+280
+370
10
+420
+600
+780
11
+930
+1300
+1670
BS1
BS0
Band Selected
0
0
LO Band
0
1
MID Band
1
0
HI band
1
1
HI band
IF input
Centre of Image Reject Passband
Passband
Bandwidth
0
57 MHz
6 MHz
0
44 MHz
6 MHz
1
36 MHz
8 MHz
Table 8 - IF SELECT function


Numéro de pièce similaire - SL2610LH1Q

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL26 YANGJIE-SL26 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
536Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL26 RFE-SL26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
GOOD-ARK Electronics
SL26A GOOD-ARK-SL26A Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Description similaire - SL2610LH1Q

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
   IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMF-2F-10 MERRIMAC-IMF-2F-10 Datasheet
41Kb / 1P
   IMAGE REJECT MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com